công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM6264CP20 bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MCM6264CP20
Giải thích chi tiết về linh kiện  8K x 8 Bit Fast Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6264CP20 bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MCM6264CP20 Datasheet HTML 1Page - Motorola, Inc MCM6264CP20 Datasheet HTML 2Page - Motorola, Inc MCM6264CP20 Datasheet HTML 3Page - Motorola, Inc MCM6264CP20 Datasheet HTML 4Page - Motorola, Inc MCM6264CP20 Datasheet HTML 5Page - Motorola, Inc MCM6264CP20 Datasheet HTML 6Page - Motorola, Inc MCM6264CP20 Datasheet HTML 7Page - Motorola, Inc MCM6264CP20 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MCM6264C
3
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 10%, TA = 0 to + 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
5 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . .
Output Load
See Figure 1A Unless Otherwise Noted
. . . . . . . . . . . .
READ CYCLE (See Notes 1 and 2)
– 12
– 15
– 20
– 25
– 35
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Read Cycle Time
tAVAV
12
15
20
25
35
ns
3
Address Access Time
tAVQV
12
15
20
25
35
ns
Enable Access Time
tELQV
12
15
20
25
35
ns
4
Output Enable Access Time
tGLQV
6
8
10
11
12
ns
Output Hold from Address Change
tAXQX
4
4
4
4
4
ns
Enable Low to Output Active
tELQX
4
4
4
4
4
ns
5, 6 ,7
Enable High to Output High–Z
tEHQZ
0
6
0
8
0
9
0
10
0
11
ns
5, 6, 7
Output Enable Low to Output Active
tGLQX
0
0
0
0
0
ns
5, 6, 7
Output Enable High to Output High–Z
tGHQZ
0
6
0
7
0
8
0
9
0
10
ns
5, 6, 7
Power Up Time
tELICCH
0
0
0
0
0
ns
Power Down Time
tEHICCL
12
15
20
25
35
ns
NOTES:
1. W is high for read cycle.
2. E1 and E2 are represented by E in this data sheet. E2 is of opposite polarity to E.
3. All timings are referenced from the last valid address to the first transitioning address.
4. Addresses valid prior to or coincident with E going low.
5. At any given voltage and temperature, tEHQZ (max) is less than tELQX (min), and tGHQZ (max) is less than tGLQX (min), both for a given
device and from device to device.
6. Transition is measured
± 500 mV from steady–state voltage with load of Figure 1B.
7. This parameter is sampled and not 100% tested.
8. Device is continuously selected (E1 = VIL, E2 = VIH, G = VIL).
OUTPUT
Z0 = 50 Ω
50
VL = 1.5 V
Figure 1A
Figure 1B
5 pF
+ 5 V
OUTPUT
255
480
AC TEST LOADS
The table of timing values shows either
a minimum or a maximum limit for each pa-
rameter. Input requirements are specified
from the external system point of view.
Thus, address setup time is shown as a
minimum since the system must supply at
least that much time (even though most
devices do not require it). On the other
hand, responses from the memory are
specified from the device point of view.
Thus, the access time is shown as a maxi-
mum since the device never provides data
later than that time.
TIMING LIMITS


Số phần tương tự - MCM6264CP20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6265C MOTOROLA-MCM6265C Datasheet
177Kb / 8P
   8K x 9 Bit Fast Static RAM
MCM6265CJ12 MOTOROLA-MCM6265CJ12 Datasheet
177Kb / 8P
   8K x 9 Bit Fast Static RAM
MCM6265CJ12R2 MOTOROLA-MCM6265CJ12R2 Datasheet
177Kb / 8P
   8K x 9 Bit Fast Static RAM
MCM6265CJ15 MOTOROLA-MCM6265CJ15 Datasheet
177Kb / 8P
   8K x 9 Bit Fast Static RAM
MCM6265CJ15R2 MOTOROLA-MCM6265CJ15R2 Datasheet
177Kb / 8P
   8K x 9 Bit Fast Static RAM
More results

Mô tả tương tự - MCM6264CP20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6265C MOTOROLA-MCM6265C Datasheet
177Kb / 8P
   8K x 9 Bit Fast Static RAM
MCM56824A MOTOROLA-MCM56824A Datasheet
147Kb / 10P
   8K x 24 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
   8K X 8 STATIC RAM
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com