công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM6249WJ20R2 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MCM6249WJ20R2
Giải thích chi tiết về linh kiện  1M x4 Bit Static Random Access Memory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6249WJ20R2 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

  MCM6249WJ20R2 Datasheet HTML 1Page - Motorola, Inc MCM6249WJ20R2 Datasheet HTML 2Page - Motorola, Inc MCM6249WJ20R2 Datasheet HTML 3Page - Motorola, Inc MCM6249WJ20R2 Datasheet HTML 4Page - Motorola, Inc MCM6249WJ20R2 Datasheet HTML 5Page - Motorola, Inc MCM6249WJ20R2 Datasheet HTML 6Page - Motorola, Inc MCM6249WJ20R2 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MCM6249
7
MOTOROLA FAST SRAM
PACKAGE DIMENSIONS
WJ PACKAGE
400 MIL SOJ
CASE 857A–02
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
G
-T-
0.10 (0.004)
SEATING
PLANE
R
-B-
P
0.17 (0.007) S
T
S
S
B
A
0.17 (0.007) S
T
S
S
A
B
0.17 (0.007) S
T
S
S
A
B
0.25 (0.010) S
T
S
S
B
A
-A-
L
32
17
16
1
K
D 32 PL
DETAIL Z
RADIUS
F 32 PL
N
NOTE 3
NOTE 3
DETAIL Z
S
C
E
A
B
C
D
E
F
G
K
L
N
P
R
S
20.83
10.03
3.26
0.41
2.24
0.67
0.89
0.76
11.05
9.27
0.77
21.08
10.29
3.75
0.50
2.48
0.81
1.14
1.14
11.30
9.52
1.01
0.820
0.395
0.128
0.016
0.088
0.026
0.035
0.030
0.435
0.365
0.030
0.830
0.405
0.148
0.020
0.098
0.032
0.045
0.045
0.445
0.375
0.040
1.27 BSC
0.64 BSC
0.050 BSC
0.025 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. TO BE DETERMINED AT PLANE -T-.
4. DIMENSION A & B DO NOT INCLUDE MOLD
PROTRUSION. MOLD PROTRUSION SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
5. DIMENSION A & B INCLUDE MOLD MISMATCH AND
ARE DETERMINED AT THE PARTING LINE.
6. 857A-01 IS OBSOLETE, NEW STANDARD 857A-02.
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
INTERNET: http://motorola.com/sps
MCM6249/D


Số phần tương tự - MCM6249WJ20R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ17 MOTOROLA-MCM6246WJ17 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ17R2 MOTOROLA-MCM6246WJ17R2 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ20 MOTOROLA-MCM6246WJ20 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ20R2 MOTOROLA-MCM6246WJ20R2 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
More results

Mô tả tương tự - MCM6249WJ20R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6147A MOTOROLA-MCM6147A Datasheet
194Kb / 6P
   4K BIT STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
AK682048D ACCUTEK-AK682048D_13 Datasheet
140Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com