công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM62486BFN19 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MCM62486BFN19
Giải thích chi tiết về linh kiện  32K x 9 Bit BurstRAM Synchronous Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM62486BFN19 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MCM62486BFN19 Datasheet HTML 1Page - Motorola, Inc MCM62486BFN19 Datasheet HTML 2Page - Motorola, Inc MCM62486BFN19 Datasheet HTML 3Page - Motorola, Inc MCM62486BFN19 Datasheet HTML 4Page - Motorola, Inc MCM62486BFN19 Datasheet HTML 5Page - Motorola, Inc MCM62486BFN19 Datasheet HTML 6Page - Motorola, Inc MCM62486BFN19 Datasheet HTML 7Page - Motorola, Inc MCM62486BFN19 Datasheet HTML 8Page - Motorola, Inc MCM62486BFN19 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MCM62486B
1
MOTOROLA FAST SRAM
32K x 9 Bit BurstRAM
Synchronous Static RAM
With Burst Counter and Self–Timed Write
The MCM62486B is a 294,912 bit synchronous static random access
memory designed to provide a burstable, high–performance, secondary cache
for the i486 and Pentium
™ microprocessors. It is organized as 32,768 words of
9 bits, fabricated with Motorola’s high–performance silicon–gate CMOS
technology. The device integrates input registers, a 2–bit counter, high speed
SRAM, and high drive capability outputs onto a single monolithic circuit for re-
duced parts count implementation of cache data RAM applications. Synchro-
nous design allows precise cycle control with the use of an external clock (K).
CMOS circuitry reduces the overall power consumption of the integrated func-
tions for greater reliability.
Addresses (A0 – A14), data inputs (D0 – D8), and all control signals except
output enable (G) are clock (K) controlled through positive–edge–triggered
noninverting registers.
Bursts can be initiated with either address status processor (ADSP) or address
status cache controller (ADSC) input pins. Subsequent burst addresses can be
generated internally by the MCM62486B (burst sequence imitates that of the
i486 and Pentium) and controlled by the burst address advance (ADV) input pin.
The following pages provide more detailed information on burst controls.
Write cycles are internally self–timed and are initiated by the rising edge of the
clock (K) input. This feature eliminates complex off–chip write pulse generation
and provides increased flexibility for incoming signals.
The MCM62486B will be available in a 44–pin plastic leaded chip carrier
(PLCC). Multiple power and ground pins have been utilized to minimize effects
induced by output noise. Separate power and ground pins have been employed
for DQ0 – DQ8 to allow user–controlled output levels of 5 volts or 3.3 volts.
• Single 5 V ± 10% Power Supply (± 5% for MCM62486BFN11)
• Choice of 5 V or 3.3 V ± 10% Power Supplies for Output Level
Compatibility
• Fast Access Times:11/12/14/19 ns Max and Cycle Times:15/20/25 ns Min
• Internal Input Registers (Address, Data, Control)
• Internally Self–Timed Write Cycle
• ADSP, ADSC, and ADV Burst Control Pins
• Asynchronous Output Enable Controlled Three–State Outputs
• Common Data Inputs and Data Outputs
• High Output Drive Capability: 85 pF per I/O
• High Board Density PLCC Package
• Fully TTL–Compatible
• Active High and Low Chip Select Inputs for Easy Depth Expansion
BurstRAM is a trademark of Motorola, Inc.
i486 and Pentium are trademarks of Intel Corp.
Order this document
by MCM62486B/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
FN PACKAGE
44–LEAD PLCC
CASE 777–01
MCM62486B
PIN NAMES
PIN ASSIGNMENT
A11
A12
A13
A14
DQ7
DQ6
DQ5
DQ4
A2
A3
A4
A5
A6
DQ0
DQ1
DQ2
VSS
VSSQ
VCCQ
VSS
VSSQ
VCCQ
A0 – A14
Address Inputs
. . . . . . . . . . . . . . . .
K
Clock
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
W
Write Enable
. . . . . . . . . . . . . . . . . . . . . . . .
G
Output Enable
. . . . . . . . . . . . . . . . . . . . . .
S0, S1
Chip Selects
. . . . . . . . . . . . . . . . . . . .
ADV
Burst Address Advance
. . . . . . . . . . . .
ADSP, ADSC
Address Status
. . . . . . . . . . . .
DQ0 – DQ8
Data Input/Output
. . . . . . . . . . .
VCC
+ 5 V Power Supply
. . . . . . . . . . . . . . . .
VCCQ
Output Buffer Power Supply
. . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . . . . .
VSSQ
Output Buffer Ground
. . . . . . . . . . . .
All power supply and ground pins must be con-
nected for proper operation of the device. VCC ≥
VCCQ at all times including power up.
6
5 4
3 2 1 44 43 42 41 40
10
9
8
12
11
15
14
13
17
16
7
32
33
29
30
31
35
36
34
37
38
39
18 19 20 21 22 23 24 25 26 27 28
REV 2
5/95
© Motorola, Inc. 1994


Số phần tương tự - MCM62486BFN19

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ17 MOTOROLA-MCM6246WJ17 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ17R2 MOTOROLA-MCM6246WJ17R2 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ20 MOTOROLA-MCM6246WJ20 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ20R2 MOTOROLA-MCM6246WJ20R2 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
More results

Mô tả tương tự - MCM62486BFN19

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM67J518 MOTOROLA-MCM67J518 Datasheet
218Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RA
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C188 CYPRESS-CY7C188_06 Datasheet
245Kb / 7P
   32K x 9 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com