công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM62486BFN14 bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MCM62486BFN14
Giải thích chi tiết về linh kiện  32K x 9 Bit BurstRAM Synchronous Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM62486BFN14 bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MCM62486BFN14 Datasheet HTML 1Page - Motorola, Inc MCM62486BFN14 Datasheet HTML 2Page - Motorola, Inc MCM62486BFN14 Datasheet HTML 3Page - Motorola, Inc MCM62486BFN14 Datasheet HTML 4Page - Motorola, Inc MCM62486BFN14 Datasheet HTML 5Page - Motorola, Inc MCM62486BFN14 Datasheet HTML 6Page - Motorola, Inc MCM62486BFN14 Datasheet HTML 7Page - Motorola, Inc MCM62486BFN14 Datasheet HTML 8Page - Motorola, Inc MCM62486BFN14 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MCM62486B
3
MOTOROLA FAST SRAM
SYNCHRONOUS TRUTH TABLE (See Notes 1, 2, 3, and 4)
S
ADSP
ADSC
ADV
W
K
Address Used
Operation
F
L
X
X
X
L–H
N/A
Deselected
F
X
L
X
X
L–H
N/A
Deselected
T
L
X
X
X
L–H
External Address
Read Cycle, Begin Burst
T
H
L
X
L
L–H
External Address
Write Cycle, Begin Burst
T
H
L
X
H
L–H
External Address
Read Cycle, Begin Burst
X
H
H
L
L
L–H
Next Address
Write Cycle, Continue Burst
X
H
H
L
H
L–H
Next Address
Read Cycle, Continue Burst
X
H
H
H
L
L–H
Current Address
Write Cycle, Suspend Burst
X
H
H
H
H
L–H
Current Address
Read Cycle, Suspend Burst
NOTES:
1. X means Don’t Care.
2. All inputs except G must meet setup and hold times for the low–to–high transition of clock (K).
3. S represents S0 and S1. T implies S1 = L and S0 = H; F implies S1 = H or S0 = L.
4. Wait states are inserted by suspending burst.
ASYNCHRONOUS TRUTH TABLE (See Notes 1 and 2)
Operation
G
I/O Status
Read
L
Data Out (DQ0 – DQ8)
Read
H
High–Z
Write
X
High–Z — Data In (DQ0 – DQ8)
Deselected
X
High–Z
NOTES:
1. X means Don’t Care.
2. For a write operation following a read operation, G must be high before the input data
required setup time and held high through the input data hold time.
ABSOLUTE MAXIMUM RATINGS (Voltages Referenced to VSS = 0)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
– 0.5 to 7.0
V
Output Power Supply Voltage
VCCQ
– 0.5 to VCC
V
Voltage Relative to VSS
Vin, Vout
– 0.5 to VCC + 0.5
V
Output Current (per I/O)
Iout
± 20
mA
Power Dissipation
PD
1.0
W
Temperature Under Bias
Tbias
– 10 to + 85
°C
Operating Temperature
TA
0 to + 70
°C
Storage Temperature
Tstg
– 55 to + 125
°C
NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for
extended periods of time could affect device reliability.
This device contains circuitry to protect the
inputs against damage due to high static
voltages or electric fields; however, it is ad-
vised that normal precautions be taken to avoid
application of any voltage higher than maxi-
mum rated voltages to this high–impedance
circuit.
This CMOS memory circuit has been de-
signed to meet the dc and ac specifications
shown in the tables, after thermal equilibrium
has been established.


Số phần tương tự - MCM62486BFN14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ17 MOTOROLA-MCM6246WJ17 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ17R2 MOTOROLA-MCM6246WJ17R2 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ20 MOTOROLA-MCM6246WJ20 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ20R2 MOTOROLA-MCM6246WJ20R2 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
More results

Mô tả tương tự - MCM62486BFN14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM67J518 MOTOROLA-MCM67J518 Datasheet
218Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RA
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C188 CYPRESS-CY7C188_06 Datasheet
245Kb / 7P
   32K x 9 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com