công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G10899-003K bảng dữ liệu(PDF) 1 Page - Hamamatsu Corporation

tên linh kiện G10899-003K
Giải thích chi tiết về linh kiện  Wide spectral response range (0.5 to 1.7 關m)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HAMAMATSU [Hamamatsu Corporation]
Trang chủ  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G10899-003K bảng dữ liệu(HTML) 1 Page - Hamamatsu Corporation

  G10899-003K Datasheet HTML 1Page - Hamamatsu Corporation G10899-003K Datasheet HTML 2Page - Hamamatsu Corporation G10899-003K Datasheet HTML 3Page - Hamamatsu Corporation G10899-003K Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
InGaAs PIN photodiodes
Wide spectral response range (0.5 to 1.7 μm)
G10899 series
www.hamamatsu.com
1
The G10899 series is an InGaAs PIN photodiode that covers a wide spectral response range from 0.5 μm to 1.7 μm. While stan-
dard InGaAs PIN photodiodes have spectral response ranging from 0.9 μm to 1.7 μm, the G10899 series has sensitivity extending
to 0.5 μm on the shorter wavelength side. A wide range of spectrum can be detected with a single detector. The G10899 series
also features low noise and low dark current.
Features
Applications
Spectroanalysis
Wide spectral response range
Thermometer
Low noise, low dark current
Large active area available
Specifications / absolute maximum ratings
Electrical and optical characteristics (Ta=25 °C)
The G10899 series may be damaged by electrostatic discharge, etc. Be careful when using the G10899 series.
Type no.
Window material
Package
Active area
(mm)
Absolute maximum ratings
Reverse
voltage
VR
(V)
Forward
current
If
(mA)
Operating
temperature
Topr
(°C)
Storage
temperature
Tstg
(°C)
G10899-003K
Borosilicate glass
TO-18
φ0.3
5
10
-40 to +85
-55 to +125
G10899-005K
φ0.5
G10899-01K
φ1
G10899-02K
TO-5
φ2
2
G10899-03K
φ3
Type no.
Spectral
response
range
λ
Peak
sensitivity
wavelength
λp
Photo sensitivity
S
Dark
current
ID
VR=1 V
Cut-off
frequency
fc
VR=1 V
RL=50
Ω
Terminal
capacitance
Ct
VR=1 V
f=1 MH
z
Shunt
resistance
Rsh
VR=10 mV
D*
λ=λp
NEP
λ=λp
λ=0.65 μm λ=0.85 μm λ=1.3 μm
λ=λp
Min.
(A/W)
Typ.
(A/W)
Min.
(A/W)
Typ.
(A/W)
Min.
(A/W)
Typ.
(A/W)
Min.
(A/W)
Typ.
(A/W)
Typ.
(nA)
Max.
(nA)
(μm)
(μm)
(MHz)
(pF)
(MΩ) (cm・Hz1/2/W) (W/Hz1/2)
G10899-003K
0.5 to 1.7
1.55
0.15 0.22 0.35 0.45 0.8 0.9 0.85
1
0.3 1.5
300
10
1000
5 × 1012
5 × 10-15
G10899-005K
0.5 2.5
150
20
300
9 × 10-15
G10899-01K
1
5
45
70
100
2 × 10-14
G10899-02K
5
25
10
300
25
4 × 10-14
G10899-03K
15
75
5
600
10
6 × 10-14


Số phần tương tự - G10899-003K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
G1089 ETC2-G1089 Datasheet
80Kb / 2P
   Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1089 ETC2-G1089 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
G1089 HEYCO-G1089 Datasheet
92Kb / 1P
   Rubber Grommets
More results

Mô tả tương tự - G10899-003K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hamamatsu Corporation
K1713-05 HAMAMATSU-K1713-05_06 Datasheet
102Kb / 4P
   Two-color detector Wide spectral response range from UV to IR
K3413-05 HAMAMATSU-K3413-05_06 Datasheet
108Kb / 4P
   Two-color detector Wide spectral response range from UV to IR
logo
API Delevan
SLSD-71N400 API-SLSD-71N400 Datasheet
115Kb / 2P
   Visible to IR spectral irradiance range
SLSD-71N300 API-SLSD-71N300 Datasheet
141Kb / 2P
   Visible to IR spectral irradiance range
SLSD-71N700 API-SLSD-71N700 Datasheet
140Kb / 2P
   Visible to IR spectral irradiance range
SLSD-71N200 API-SLSD-71N200 Datasheet
137Kb / 2P
   Visible to IR spectral irradiance range
logo
Hamamatsu Corporation
S9066-111 HAMAMATSU-S9066-111 Datasheet
132Kb / 2P
   Photo IC diode Spectral response close to human eye sensitivity
S9219 HAMAMATSU-S9219 Datasheet
111Kb / 2P
   Si photodiode Spectral response like human eye
logo
TriQuint Semiconductor
HFET2MI TRIQUINT-HFET2MI Datasheet
313Kb / 6P
   0.5-關m HFET 2MI
logo
Nel Frequency Controls,...
SK-A29B0 NEL-SK-A29B0 Datasheet
206Kb / 2P
   Frequency Range: 350.0 MHz to 1.7 GHz
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com