công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C9732DK-11 bảng dữ liệu(PDF) 6 Page - Hamamatsu Corporation

tên linh kiện C9732DK-11
Giải thích chi tiết về linh kiện  For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120120 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HAMAMATSU [Hamamatsu Corporation]
Trang chủ  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9732DK-11 bảng dữ liệu(HTML) 6 Page - Hamamatsu Corporation

  C9732DK-11_11 Datasheet HTML 1Page - Hamamatsu Corporation C9732DK-11_11 Datasheet HTML 2Page - Hamamatsu Corporation C9732DK-11_11 Datasheet HTML 3Page - Hamamatsu Corporation C9732DK-11_11 Datasheet HTML 4Page - Hamamatsu Corporation C9732DK-11_11 Datasheet HTML 5Page - Hamamatsu Corporation C9732DK-11_11 Datasheet HTML 6Page - Hamamatsu Corporation C9732DK-11_11 Datasheet HTML 7Page - Hamamatsu Corporation C9732DK-11_11 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Flat panel sensor
C9732DK-11
6
Dimensional outline (unit: mm, tolerance: ±1 mm unless otherwise noted)
Screw hole
*
Dimensional outline (C9732DK-11, unit: mm)
Active area 118.4
14.5
7
9
8.1
73
266
Top cover material including window is carbon fiber (1.0 mm thickness).
Weight: 1.2 kg
* M3 screw hole for fixing USB plug to flat panel sensor.
The depth of the hole: 7 mm
166 ± 0.5
50 ± 0.5
261 ± 0.5
C1.3
(6 ×) M3 depth 4
(0, 0)
(2367, 2339)
CMOS FLAT PANEL SENSOR
C9732DK-11
Screw
*
hole
KACCA0277EA
The C9732DK-11 conforms to European EMC directives:
EN61326-1 Class A.
· Do not subject the flat panel sensors to strong vibration or shock (Strong shock such as drop impacts may cause permanent damage
to these sensors).
· Users must take responsibility for implementing X-ray shielding safety measures to avoid the risk of X-ray exposure.
· Data listed in this datasheet is defined at the time of shipment. Characteristics may vary somewhat due to exposure to X-rays so take
proper countermeasures such as making periodic image correction.
· This product is warranted for a period of 12 months after the date of the shipment.
The warranty is limited to replacement or repair of any defective product due to defects in workmanship or materials used in manufacture.
The warranty does not cover loss or damage caused by natural disaster, misuse (including modifications and any use not complying
with the environment, application, usage and storage conditions described in this datasheet), or total X-ray radiation dose over 45000
Roentgen [incident X-ray energy: less than 35 kVp (17 keV Mo source)] even within the warranty period.
Notice


Số phần tương tự - C9732DK-11_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hamamatsu Corporation
C9732DK-11 HAMAMATSU-C9732DK-11_15 Datasheet
289Kb / 9P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 x 120 mm
More results

Mô tả tương tự - C9732DK-11_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hamamatsu Corporation
C9732DK-11 HAMAMATSU-C9732DK-11 Datasheet
951Kb / 6P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 횞 120 mm
C9732DK-11 HAMAMATSU-C9732DK-11_15 Datasheet
289Kb / 9P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 x 120 mm
C9730DK-10 HAMAMATSU-C9730DK-10_11 Datasheet
490Kb / 8P
   For soft X-ray imaging, cassette type with USB 2.0 interface Photodiode area: 52.8 횞 52.8 mm
C9728DK-10 HAMAMATSU-C9728DK-10_11 Datasheet
440Kb / 8P
   For diffraction, cassette type with USB 2.0 interface Photodiode area: 52.8 횞 52.8 mm
C9728DK-10 HAMAMATSU-C9728DK-10_15 Datasheet
217Kb / 9P
   For diffraction, cassette type with USB 2.0 interface Photodiode area: 52.8 x 52.8 mm
C9730DK-10 HAMAMATSU-C9730DK-10 Datasheet
92Kb / 4P
   Large area soft X-ray imaging, high resolution
C9728DK-10 HAMAMATSU-C9728DK-10 Datasheet
89Kb / 4P
   Flat panel sensor Cassette type X-ray sensor with USB 2.0 interface
C9732DK HAMAMATSU-C9732DK Datasheet
96Kb / 4P
   Flat panel sensor Large area/soft X-ray imaging, high resolution
S10831 HAMAMATSU-S10831_15 Datasheet
651Kb / 9P
   CMOS area image sensors for X-ray imaging
S10830 HAMAMATSU-S10830_15 Datasheet
653Kb / 9P
   CMOS area image sensors for X-ray imaging
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com