công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM6246WJ20 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MCM6246WJ20
Giải thích chi tiết về linh kiện  512K x 8 Bit Static Random Access Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6246WJ20 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MCM6246WJ20 Datasheet HTML 1Page - Motorola, Inc MCM6246WJ20 Datasheet HTML 2Page - Motorola, Inc MCM6246WJ20 Datasheet HTML 3Page - Motorola, Inc MCM6246WJ20 Datasheet HTML 4Page - Motorola, Inc MCM6246WJ20 Datasheet HTML 5Page - Motorola, Inc MCM6246WJ20 Datasheet HTML 6Page - Motorola, Inc MCM6246WJ20 Datasheet HTML 7Page - Motorola, Inc MCM6246WJ20 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MCM6246
1
MOTOROLA FAST SRAM
512K x 8 Bit Static Random
Access Memory
The MCM6246 is a 4,194,304 bit static random access memory organized as
524,288 words of 8 bits. Static design eliminates the need for external clocks or
timing strobes, while CMOS circuitry reduces power consumption and provides
for greater reliability.
The MCM6246 is equipped with chip enable (E) and output enable (G) pins,
allowing for greater system flexibility and eliminating bus contention problems.
Either input, when high, will force the outputs into high impedance.
The MCM6246 is available in a 400 mil, 36–lead surface–mount SOJ package.
• Single 5 V ± 10% Power Supply
• Fast Access Time: 17/20/25/35 ns
• Equal Address and Chip Enable Access Time
• All Inputs and Outputs are TTL Compatible
• Three–State Outputs
• Power Operation: 205/200/185/170 mA Maximum, Active AC
BLOCK DIAGRAM
G
AA
A
A
A
A
A
A
A
MEMORY MATRIX
1024 ROWS x
4096 COLUMNS
ROW
DECODER
INPUT
DATA
CONTROL
A
A
A
A
A
A
A
A
DQ
DQ
E
W
A
A
COLUMN I/O
COLUMN DECODER
DQ
DQ
Order this document
by MCM6246/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
WJ PACKAGE
400 MIL SOJ
CASE 893–01
PIN ASSIGNMENT
MCM6246
A
Address Inputs
. . . . . . . . . . . . . . . . . . .
W
Write Enable
. . . . . . . . . . . . . . . . . . . .
G
Output Enable
. . . . . . . . . . . . . . . . . . .
E
Chip Enable
. . . . . . . . . . . . . . . . . . . . . .
DQ
Data Input/Output
. . . . . . . . . . . . . . .
NC
No Connection
. . . . . . . . . . . . . . . . .
VCC
+ 5 V Power Supply
. . . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . .
PIN NAMES
5
4
3
2
1
10
9
8
7
6
11
12
13
14
15
16
17
18
20
21
22
23
24
25
26
19
27
28
32
31
30
29
36
35
34
33
A
A
A
A
E
A
VSS
VCC
DQ
DQ
DQ
DQ
A
A
W
A
A
A
VCC
DQ
DQ
A
A
A
A
A
NC
VSS
A
A
A
G
DQ
DQ
NC
A
REV 5
6/9/97
© Motorola, Inc. 1997


Số phần tương tự - MCM6246WJ20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM62486B MOTOROLA-MCM62486B Datasheet
197Kb / 12P
   32K x 9 Bit BurstRAM Synchronous Static RAM
MCM62486BFN11 MOTOROLA-MCM62486BFN11 Datasheet
197Kb / 12P
   32K x 9 Bit BurstRAM Synchronous Static RAM
MCM62486BFN12 MOTOROLA-MCM62486BFN12 Datasheet
197Kb / 12P
   32K x 9 Bit BurstRAM Synchronous Static RAM
MCM62486BFN14 MOTOROLA-MCM62486BFN14 Datasheet
197Kb / 12P
   32K x 9 Bit BurstRAM Synchronous Static RAM
MCM62486BFN19 MOTOROLA-MCM62486BFN19 Datasheet
197Kb / 12P
   32K x 9 Bit BurstRAM Synchronous Static RAM
More results

Mô tả tương tự - MCM6246WJ20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6946 MOTOROLA-MCM6946 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6226BB MOTOROLA-MCM6226BB Datasheet
156Kb / 8P
   128K x 8 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK68512D ACCUTEK-AK68512D Datasheet
95Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com