công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM62486B bảng dữ liệu(PDF) 11 Page - Motorola, Inc

tên linh kiện MCM62486B
Giải thích chi tiết về linh kiện  32K x 9 Bit BurstRAM Synchronous Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM62486B bảng dữ liệu(HTML) 11 Page - Motorola, Inc

Back Button MCM62486B Datasheet HTML 4Page - Motorola, Inc MCM62486B Datasheet HTML 5Page - Motorola, Inc MCM62486B Datasheet HTML 6Page - Motorola, Inc MCM62486B Datasheet HTML 7Page - Motorola, Inc MCM62486B Datasheet HTML 8Page - Motorola, Inc MCM62486B Datasheet HTML 9Page - Motorola, Inc MCM62486B Datasheet HTML 10Page - Motorola, Inc MCM62486B Datasheet HTML 11Page - Motorola, Inc MCM62486B Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MCM62486B
11
MOTOROLA FAST SRAM
PACKAGE DIMENSIONS
FN PACKAGE
44–LEAD PLCC
CASE 777–02
A
B
C
E
F
G
H
J
K
R
U
V
W
X
Y
Z
G1
K1
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
17.40
17.40
4.20
2.29
0.33
0.66
0.51
0.64
16.51
16.51
1.07
1.07
1.07
2
°
15.50
1.02
17.65
17.65
4.57
2.79
0.48
0.81
16.66
16.66
1.21
1.21
1.42
0.50
10
°
16.00
0.685
0.685
0.165
0.090
0.013
0.026
0.020
0.025
0.650
0.650
0.042
0.042
0.042
2
°
0.610
0.040
0.695
0.695
0.180
0.110
0.019
0.032
0.656
0.656
0.048
0.048
0.056
0.020
10
°
0.630
1.27 BSC
0.050 BSC
NOTES:
1. DUE TO SPACE LIMITATION, CASE 777-02
SHALL BE REPRESENTED BY A GENERAL
(SMALLER) CASE OUTLINE DRAWING
RATHER THAN SHOWING ALL 44 LEADS.
2. DATUMS -L-, -M-, AND -N- DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS
PLASTIC BODY AT MOLD PARTING LINE.
3. DIM G1, TRUE POSITION TO BE MEASURED
AT DATUM -T-, SEATING PLANE.
4. DIM R AND U DO NOT INCLUDE MOLD FLASH.
ALLOWABLE MOLD FLASH IS 0.25 (0.010) PER
SIDE.
5. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
6. CONTROLLING DIMENSION: INCH.
7. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO .012 (.300).
DIMENSIONS R AND U ARE DETERMINED AT
THE OUTERMOST EXTREMES OF THE
PLASTIC BODY EXCLUSIVE OF MOLD FLASH,
TIE BAR BURRS, GATE BURRS AND
INTERLEAD FLASH, BUT INCLUDING ANY
MISMATCH BETWEEN THE TOP AND BOTTOM
OF THE PLASTIC BODY.
8. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN .037
(.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN .025 (.635).
9. 777-01 IS OBSOLETE, NEW STANDARD 777-02.
-N-
-M-
Y BRK
D
D
W
V
1
44
44
LEADS
ACTUAL
-L-
A
R
Z
C
G
G1
VIEW S
J
E
K
K1
H
F
VIEW D-D
X
G1
U
B
Z
VIEW S
0.10 (0.004)
SEATING
PLANE
-T-
0.25 (0.010)
T L –M S
N S
S
0.18 (0.007)
T L –M S
N S
M
0.18 (0.007)
T L –M S
N S
M
0.18 (0.007)
T L –M S
N S
M
0.18 (0.007)
T L –M S
N S
M
0.25 (0.010)
T L –M S
N S
S
0.18 (0.007)
T L –M S
N S
M
0.18 (0.007)
T L –M S
N S
M


Số phần tương tự - MCM62486B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ17 MOTOROLA-MCM6246WJ17 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ17R2 MOTOROLA-MCM6246WJ17R2 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ20 MOTOROLA-MCM6246WJ20 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6246WJ20R2 MOTOROLA-MCM6246WJ20R2 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
More results

Mô tả tương tự - MCM62486B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM67J518 MOTOROLA-MCM67J518 Datasheet
218Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RA
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C188 CYPRESS-CY7C188_06 Datasheet
245Kb / 7P
   32K x 9 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com