công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM6229BBXJ15 bảng dữ liệu(PDF) 8 Page - Motorola, Inc

tên linh kiện MCM6229BBXJ15
Giải thích chi tiết về linh kiện  256K x 4 Bit Static Random Access Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6229BBXJ15 bảng dữ liệu(HTML) 8 Page - Motorola, Inc

  MCM6229BBXJ15 Datasheet HTML 1Page - Motorola, Inc MCM6229BBXJ15 Datasheet HTML 2Page - Motorola, Inc MCM6229BBXJ15 Datasheet HTML 3Page - Motorola, Inc MCM6229BBXJ15 Datasheet HTML 4Page - Motorola, Inc MCM6229BBXJ15 Datasheet HTML 5Page - Motorola, Inc MCM6229BBXJ15 Datasheet HTML 6Page - Motorola, Inc MCM6229BBXJ15 Datasheet HTML 7Page - Motorola, Inc MCM6229BBXJ15 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MCM6229BB
8
MOTOROLA FAST SRAM
28 LEAD
300 MIL SOJ
CASE 810B–03
1
14
15
28
M
K
L
G
DETAIL Z
M
P
R
E
C
DETAIL Z
N
F
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION. MOLD PROTRUSION SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
4. DIMENSION R TO BE DETERMINED AT DATUM
–T–.
–A–
H BRK
D
SEATING
PLANE
–T–
0.10 (0.004)
S
A
M
0.18 (0.007)
T
S
B
S
0.18 (0.007)
T
S
B
S
0.25 (0.010)
T
24 PL
–B–
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.720
0.730
18.29
18.54
B
0.295
0.305
7.50
7.74
C
0.128
0.148
3.26
3.75
D
0.015
0.020
0.39
0.50
E
0.088
0.098
2.24
2.48
F
0.026
0.032
0.67
0.81
G
0.050 BSC
1.27 BSC
H
–––
0.020
–––
0.50
K
0.035
0.045
0.89
1.14
L
0.025 BSC
0.64 BSC
M
0
10
0
10
N
0.030
0.045
0.76
1.14
P
0.330
0.340
8.38
8.64
R
0.260
0.270
6.60
6.86
S
0.030
0.040
0.77
1.01
__
__
S RADIUS
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
INTERNET: http://motorola.com/sps
MCM6229BB/D


Số phần tương tự - MCM6229BBXJ15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6229A-20 MOTOROLA-MCM6229A-20 Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6229A-25 MOTOROLA-MCM6229A-25 Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6229A-35 MOTOROLA-MCM6229A-35 Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6229A-45 MOTOROLA-MCM6229A-45 Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
More results

Mô tả tương tự - MCM6229BBXJ15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6728B MOTOROLA-MCM6728B Datasheet
147Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com