công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3USBA225RUTR bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS3USBA225RUTR
Giải thích chi tiết về linh kiện  1.8-V Logic Compatibility and Power-Down Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USBA225RUTR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TS3USBA225RUTR Datasheet HTML 1Page - Texas Instruments TS3USBA225RUTR Datasheet HTML 2Page - Texas Instruments TS3USBA225RUTR Datasheet HTML 3Page - Texas Instruments TS3USBA225RUTR Datasheet HTML 4Page - Texas Instruments TS3USBA225RUTR Datasheet HTML 5Page - Texas Instruments TS3USBA225RUTR Datasheet HTML 6Page - Texas Instruments TS3USBA225RUTR Datasheet HTML 7Page - Texas Instruments TS3USBA225RUTR Datasheet HTML 8Page - Texas Instruments TS3USBA225RUTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TS3USBA225
SCDS328
– OCTOBER 2011
www.ti.com
FUNCTION TABLE
SEL1
SEL2
VCC
L,R
D0+, D0-
D1+, D1-
Mode
X
X
L
OFF
OFF
OFF
Hi-Z Mode
L
L
H
OFF
OFF
OFF
Power-Down Mode
L
H
H
OFF(1)
ON
OFF
USB Mode 1
H
L
H
ON
OFF
OFF
Audio Mode
H
H
H
OFF(1)
OFF
ON
USB Mode 2
(1)
100
Ω shunt resistors are enabled in this state.
SUMMARY OF TYPICAL CHARACTERISTICS
USB PATH
AUDIO PATH
Number of switches
4
2
ON-state resistance (ron)
6.5
2.5
ON-state resistance match (
Δron)
0.1
0.1
ON-state resistance flatness (ron(flat))
2
Ω
1.5
ON-state capacitance (CI/O,on)
3 pF
3.5 pF
Bandwidth (BW)
1.9 GHz
1.2 GHz
Total harmonic distortion (THD)
N/A
0.05%
AUDIO PATH SIGNAL SWING
SUPPLY VOLTAGE,
MINIMUM
MAXIMUM
VCC
VD+/R, D-/L, L, R = VCC- 4.3 V
VD+/R, D-/L, L, R = VCC
4.3
0
4.3 V
3.3
–1.0 V
3.3 V
3.0
–1.3 V
3.0 V
2.7
–1.8 V
2.7 V
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TS3USBA225


Số phần tương tự - TS3USBA225RUTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI1-TS3USB221 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results

Mô tả tương tự - TS3USBA225RUTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5USBA224 TI-TS5USBA224 Datasheet
589Kb / 20P
[Old version datasheet]   USB 2.0 High-Speed (480 Mbps) and Audio Switches with Negative Signal Capability and 1.8-V Logic Compatibility
TS3DV642 TI-TS3DV642_15 Datasheet
1Mb / 30P
[Old version datasheet]   TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
logo
Analog Devices
AD5165 AD-AD5165 Datasheet
569Kb / 16P
   256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
AD5165 AD-AD5165_15 Datasheet
575Kb / 16P
   256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
AD5165BUJZ100 AD-AD5165BUJZ100 Datasheet
575Kb / 16P
   256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
logo
List of Unclassifed Man...
TDC-GP2 ETC1-TDC-GP2 Datasheet
336Kb / 6P
   Migration and Compatibility Guideline
logo
STMicroelectronics
STG1218 STMICROELECTRONICS-STG1218 Datasheet
1Mb / 29P
   Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
December 2021 Rev 3
logo
Texas Instruments
TMUX121 TI-TMUX121 Datasheet
896Kb / 18P
[Old version datasheet]   TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
AUGUST 2023
logo
Analog Devices
ADG1634L AD-ADG1634L Datasheet
873Kb / 22P
   4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1412L AD-ADG1412L Datasheet
899Kb / 19P
   1.5 Ω RON, Quad SPST Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com