công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA5724MC bảng dữ liệu(PDF) 6 Page - Sanyo Semicon Device

tên linh kiện LA5724MC
Giải thích chi tiết về linh kiện  Monolithic Linear IC Separately-Excited Step-Down Switching Regulator(Variable Type)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5724MC bảng dữ liệu(HTML) 6 Page - Sanyo Semicon Device

  LA5724MC Datasheet HTML 1Page - Sanyo Semicon Device LA5724MC Datasheet HTML 2Page - Sanyo Semicon Device LA5724MC Datasheet HTML 3Page - Sanyo Semicon Device LA5724MC Datasheet HTML 4Page - Sanyo Semicon Device LA5724MC Datasheet HTML 5Page - Sanyo Semicon Device LA5724MC Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LA5724MC
PS No.A2021-6/6
6. Inductance current: peak value
The ripple current peak value must be held within the rated current values for the inductor used. Here, IRP id the ripple
current. IRP can be determined from the folloeing equation.
IRP = IOUT +
VIN - VOUT - Vsat
2L
× Tom
= 0.5 +
12 - 5.0 - 0.4
2
× 120×10-6 × 2.8×10
-6
≈ 0.57A
7. Inducrance current: ripple current value
Here
ΔIR is the ripple current. ΔIR can be determined from the folloeing equation. If the load current becomes less than
one half the ripple current, the icductor current will become discontinuous.
ΔIR =
VIN - VOUT - Vsat
L
× Tom
=
12 - 5.0 - 0.4
120
×10-6 × 2.8×10
-6
≈ 0.15A
8. Diode D1
A Schottky barrier diode must be used for the diode. If a fast recovery diode si used, it is possible that the IC could be
destroyed be the applied reverse voltage due to the recovety and the on-state voltage.
9. Diode current: peak current
Applecations must be designed so that the peak value of the diode current remains within the rated current of the diode.
The peak value of the diode current will be the same current as the peak value of the inductor current.
10. Repetitive pwak reverse voltage
Application must be designed so that the repetitive peak reverse voltage remains within the voltage rating og the diode.
Here, VRRM is the repetitive peak reverse voltage. VRRM can be determined from the folloeing equation.
VRRM ≥ VCC
Since moise voltage and other terms will be added in actual in actual operation, the voltage headling caoacity of the
device should be about 1.5 times that given by the above calculation.
This catalog provides information as of March, 2012. Specifications and information herein are subject
to change without notice.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.


Số phần tương tự - LA5724MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LA5724MC ONSEMI-LA5724MC Datasheet
158Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
More results

Mô tả tương tự - LA5724MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA5754MP SANYO-LA5754MP Datasheet
66Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5724M SANYO-LA5724M Datasheet
72Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5759 SANYO-LA5759 Datasheet
132Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5774MP SANYO-LA5774MP Datasheet
176Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5744MP SANYO-LA5744MP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5735M SANYO-LA5735M Datasheet
81Kb / 7P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5744TP SANYO-LA5744TP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5779MP SANYO-LA5779MP Datasheet
222Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5735MC SANYO-LA5735MC Datasheet
110Kb / 6P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator(Variable Type)
LA5744 SANYO-LA5744 Datasheet
76Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5774 SANYO-LA5774 Datasheet
69Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com