công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUZ110S bảng dữ liệu(PDF) 3 Page - Siemens Semiconductor Group

tên linh kiện BUZ110S
Giải thích chi tiết về linh kiện  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ110S bảng dữ liệu(HTML) 3 Page - Siemens Semiconductor Group

  BUZ110S Datasheet HTML 1Page - Siemens Semiconductor Group BUZ110S Datasheet HTML 2Page - Siemens Semiconductor Group BUZ110S Datasheet HTML 3Page - Siemens Semiconductor Group BUZ110S Datasheet HTML 4Page - Siemens Semiconductor Group BUZ110S Datasheet HTML 5Page - Siemens Semiconductor Group BUZ110S Datasheet HTML 6Page - Siemens Semiconductor Group BUZ110S Datasheet HTML 7Page - Siemens Semiconductor Group BUZ110S Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
28/Jan/1998
BUZ 110 S
SPP80N05
Electrical Characteristics,
at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS2 * ID * RDS(on)max, ID = 66 A
gfs
30
-
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
2420
3025
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
745
930
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
380
475
Turn-on delay time
VDD = 30 V, VGS = 10 V, ID = 80 A
RG = 3.9
td(on)
-
20
30
ns
Rise time
VDD = 30 V, VGS = 10 V, ID = 80 A
RG = 3.9
tr
-
35
55
Turn-off delay time
VDD = 30 V, VGS = 10 V, ID = 80 A
RG = 3.9
td(off)
-
45
70
Fall time
VDD = 30 V, VGS = 10 V, ID = 80 A
RG = 3.9
tf
-
30
45
Gate charge at threshold
VDD = 40 V, ID 0.1 A, VGS =0 to 1 V
Qg(th)
-
3
4.5
nC
Gate charge at 7.0 V
VDD = 40 V, ID = 80 A, VGS =0 to 7 V
Qg(7)
-
65
100
Gate charge total
VDD = 40 V, ID = 80 A, VGS =0 to 10 V
Qg(total)
-
85
130
Gate plateau voltage
VDD = 40 V, ID = 80 A
V(plateau)
-
5.8
-
V


Số phần tương tự - BUZ110S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BUZ110S INFINEON-BUZ110S Datasheet
139Kb / 8P
   SIPMOS짰 Power Transistor
05.99
BUZ110SE3045 INFINEON-BUZ110SE3045 Datasheet
139Kb / 8P
   SIPMOS짰 Power Transistor
05.99
BUZ110SE3045A INFINEON-BUZ110SE3045A Datasheet
139Kb / 8P
   SIPMOS짰 Power Transistor
05.99
logo
Siemens Semiconductor G...
BUZ110SL SIEMENS-BUZ110SL Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
More results

Mô tả tương tự - BUZ110S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Siemens Semiconductor G...
BUZ100S SIEMENS-BUZ100S Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ102S SIEMENS-BUZ102S Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ111S SIEMENS-BUZ111S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BSP170P SIEMENS-BSP170P Datasheet
152Kb / 9P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
BUZ111SL SIEMENS-BUZ111SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ110SL SIEMENS-BUZ110SL Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ102SL SIEMENS-BUZ102SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ103SL SIEMENS-BUZ103SL Datasheet
119Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ104S SIEMENS-BUZ104S Datasheet
128Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ103S SIEMENS-BUZ103S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com