công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUZ101SL-4 bảng dữ liệu(PDF) 3 Page - Siemens Semiconductor Group

tên linh kiện BUZ101SL-4
Giải thích chi tiết về linh kiện  SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ101SL-4 bảng dữ liệu(HTML) 3 Page - Siemens Semiconductor Group

  BUZ101SL-4 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ101SL-4 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ101SL-4 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ101SL-4 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ101SL-4 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ101SL-4 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ101SL-4 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ101SL-4 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
02/Oct/1997
BUZ 101SL-4
Preliminary data
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = 4.1 A
gfs
5
--
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
560
700
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
170
215
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
95
120
Turn-on delay time
VDD = 30 V, VGS = 5 V, ID = 4.1 A
RG = 9.8 Ω
td(on)
-
20
30
ns
Rise time
VDD = 30 V, VGS = 5 V, ID = 4.1 A
RG = 9.8 Ω
tr
-
35
55
Turn-off delay time
VDD = 30 V, VGS = 5 V, ID = 4.1 A
RG = 9.8 Ω
td(off)
-
40
60
Fall time
VDD = 30 V, VGS = 5 V, ID = 4.1 A
RG = 9.8 Ω
tf
-
27
40
Gate charge at threshold
VDD = 40 V, ID ≥ 0.1 A, VGS =0 to 1 V
Qg(th)
-
1.4
2.1
nC
Gate charge at 5.0 V
VDD = 40 V, ID = 4.1 A, VGS =0 to 5 V
Qg(5)
-
15
22
Gate charge total
VDD = 40 V, ID = 4.1 A, VGS =0 to 10 V
Qg(total)
-
24
36
Gate plateau voltage
VDD = 40 V, ID = 4.1 A
V(plateau)
-
2.98
-
V


Số phần tương tự - BUZ101SL-4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Siemens Semiconductor G...
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ101SLE3045A SIEMENS-BUZ101SLE3045A Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
More results

Mô tả tương tự - BUZ101SL-4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Siemens Semiconductor G...
BUZ100SL-4 SIEMENS-BUZ100SL-4 Datasheet
89Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ102SL-4 SIEMENS-BUZ102SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ103SL-4 SIEMENS-BUZ103SL-4 Datasheet
107Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ104SL-4 SIEMENS-BUZ104SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ103AL SIEMENS-BUZ103AL Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102AL SIEMENS-BUZ102AL Datasheet
182Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102 SIEMENS-BUZ102 Datasheet
183Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ100 SIEMENS-BUZ100 Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ101S SIEMENS-BUZ101S Datasheet
69Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ104L SIEMENS-BUZ104L Datasheet
209Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated Low on-resistance)
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com