công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUZ101 bảng dữ liệu(PDF) 3 Page - Siemens Semiconductor Group

tên linh kiện BUZ101
Giải thích chi tiết về linh kiện  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ101 bảng dữ liệu(HTML) 3 Page - Siemens Semiconductor Group

  BUZ101 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ101 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
07/96
BUZ 101
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = 21 A
gfs
7
13.5
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
680
900
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
240
360
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
90
135
Turn-on delay time
VDD = 30 V, VGS = 10 V, ID = 3 A
RGS = 50 Ω
td(on)
-
15
23
ns
Rise time
VDD = 30 V, VGS = 10 V, ID = 3 A
RGS = 50 Ω
tr
-
55
85
Turn-off delay time
VDD = 30 V, VGS = 10 V, ID = 3 A
RGS = 50 Ω
td(off)
-
100
135
Fall time
VDD = 30 V, VGS = 10 V, ID = 3 A
RGS = 50 Ω
tf
-
70
95


Số phần tương tự - BUZ101

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
BUZ101 ISC-BUZ101 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Siemens Semiconductor G...
BUZ101L SIEMENS-BUZ101L Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ101S SIEMENS-BUZ101S Datasheet
69Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ101SL-4 SIEMENS-BUZ101SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results

Mô tả tương tự - BUZ101

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Siemens Semiconductor G...
BUZ104 SIEMENS-BUZ104 Datasheet
208Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ103 SIEMENS-BUZ103 Datasheet
186Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ342 SIEMENS-BUZ342 Datasheet
214Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Ultra low on-resistance)
BUZ104L SIEMENS-BUZ104L Datasheet
209Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated Low on-resistance)
BUZ102 SIEMENS-BUZ102 Datasheet
183Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ100 SIEMENS-BUZ100 Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ101S SIEMENS-BUZ101S Datasheet
69Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ103AL SIEMENS-BUZ103AL Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102AL SIEMENS-BUZ102AL Datasheet
182Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ101SL-4 SIEMENS-BUZ101SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com