công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD-100B-24 bảng dữ liệu(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

tên linh kiện SD-100B-24
Giải thích chi tiết về linh kiện  100W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MEANWELL [Mean Well Enterprises Co., Ltd.]
Trang chủ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-100B-24 bảng dữ liệu(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SD-100B-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-100B-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
SD-100B-5
SD-100C-5
SD-100D-5
SD-100C-12 SD-100D-12
SD-100C-24 SD-100D-24
(for D type only)
SD-100B-12
SD-100B-24
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME(Typ.)
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT (Typ.)
5V
12V
24V
20A
8.5A
4.2A
0~20A
0~8.5A
0~4.2A
100W
102W
100.8W
100mVp-p
120mVp-p
150mVp-p
2.0%
1.0%
1.0%
4.5~5.5VDC
11~16VDC
23~30VDC
0.5%
0.5%
0.3%
0.3%
0.2%
0.2%
2s,50ms(onlyDmode)atfullload
20ms(onlyDmode)atfullload
B:19~36VDCC:36~72VDCD:72~144VDCor85~132VAC
74%
4.8A/24V
4.8A/24V
4.8A/24V
D:18A/96VDC
<0.75mA/120VAC(SD-100D)
75%
76%
75%
2.4A/48V
2.4A/48V
2.4A/48V
77%
80%
78%
81%
83%
1.8A/96V
1.8A/96V
1.8A/96V
105~135% ratedoutputpower
5.75~6.75V/10%load
16.8~20V/10%load
31.5~37.5V/10%load
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
CompliancetoEN55022(CISPR22)ClassB
IEC60950-1CBapprovedby TUV(forDtypeonly)
Complianceto
ight
EN61000-4-2,3,4,6,8,l
industrylevel,criteria A
-10~+60
(Referto"DeratingCurve")
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
356.7Khrsmin.(SD-100B)355.5Khrsmin.(SD-100C)341.9KHrsmin.(SD-100D)MIL-HDBK-217F(25
)
199*98*38mm(L*W*H)
0.65Kg;20pcs/13.8Kg/0.8CUFT
FileName:SD-100-SPEC2011-08-23
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
100WSingleOutputDC-DCConverter
2:1 wide input range
Protections: Short circuit / Overload / Over voltage
1500VAC I/O isolation
Built-in EMI filter, low ripple noise
100% full load burn-in test
Fixed switching frequency at 83KHz
24V and 48V input voltage design refer to LVD
Low cost
High reliability
2 years warranty
Features :
S D - 1 0 0 series
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
1. All parameters NOT specially mentioned are measured at 24,48,96VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
EMCIMMUNITY
EMCEMISSION


Số phần tương tự - SD-100B-24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Astrodyne Corporation
SD-100B-24 ASTRODYNE-SD-100B-24 Datasheet
202Kb / 2P
   100W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-100B-24 MEANWELL-SD-100B-24 Datasheet
374Kb / 2P
   100W Single Output DC-DC Converter
SD-100B-24 MEANWELL-SD-100B-24 Datasheet
376Kb / 2P
   100W Single Output DC-DC Converter
SD-100B-24 MEANWELL-SD-100B-24 Datasheet
570Kb / 3P
   100W Single Output DC-DC Converter
More results

Mô tả tương tự - SD-100B-24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Astrodyne Corporation
SD-100 ASTRODYNE-SD-100 Datasheet
202Kb / 2P
   100W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-100 MEANWELL-SD-100 Datasheet
374Kb / 2P
   100W Single Output DC-DC Converter
SD-100 MEANWELL-SD-100_10 Datasheet
376Kb / 2P
   100W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD100 ASTRODYNE-SD100 Datasheet
672Kb / 2P
   100W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-100 MEANWELL-SD-100_V01 Datasheet
570Kb / 3P
   100W Single Output DC-DC Converter
RSD-100 MEANWELL-RSD-100_12 Datasheet
282Kb / 2P
   100W Railway Single Output DC-DC Converter
RSD-100 MEANWELL-RSD-100 Datasheet
259Kb / 2P
   100W Railway Single Output DC-DC Converter
MHB100 MEANWELL-MHB100 Datasheet
842Kb / 6P
   100W DC-DC Half-Brick Regulated Single Output Converter
logo
Wall Industries,Inc.
SP24S12-100 WALL-SP24S12-100 Datasheet
254Kb / 7P
   100W DC-DC Converter
SP48S48-100 WALL-SP48S48-100 Datasheet
244Kb / 7P
   100W DC-DC Converter
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com