công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD-700-SYNCE-25M0000000 bảng dữ liệu(PDF) 4 Page - Vectron International, Inc

tên linh kiện CD-700-SYNCE-25M0000000
Giải thích chi tiết về linh kiện  Complete VCXO Based Phase Lock Loop
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VECTRON [Vectron International, Inc]
Trang chủ  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CD-700-SYNCE-25M0000000 bảng dữ liệu(HTML) 4 Page - Vectron International, Inc

  CD-700-SYNCE-25M0000000 Datasheet HTML 1Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 2Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 3Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 4Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 5Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 6Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 7Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 8Page - Vectron International, Inc CD-700-SYNCE-25M0000000 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 4 of 11
CD-700 Theory of Operation
Rev: 15Dec2009
Phase Detector
The phase detector has two buffered inputs (DATAIN and CLKIN) which are designed to switch at 1.4 volts. DATAIN is designed to
accept an NRZ data stream but may also be used for clock signals which have a 50% duty cycle. CLKIN is connected to OUT1 or
OUT2, or a divided version of one of these outputs. CLKIN and DATAIN and are protected by ESD diodes and should not exceed the
power supply voltage or ground by more than a few hundred millivolts.
The phase detector is basically a latched flip flop/exclusive-or gate/differential amplifier filter design to produce a DC signal
proportional to the phase between the CLKIN and DATAIN signals (see Figure 4 for a block diagram and Figure 5 for an open loop
transfer curve). This will simplify the PLL design as the designer does not have to filter narrow pulse signals to a DC level. Under
locked conditions the rising edge of CLKIN will be centered in the middle of the DATAIN signal (see Figure 6).
Figure 4. Simplified Phase Detector Block Diagram
The phase detector gain is 0.53V/rad x data density for 5volt
operation and 0.35V/rad x data density for 3.3 volt opera-
tion. Data density is equal to 1.0 for clock signals and is
system dependent on coding and design for NRZ signals,
but 0.25 could be used as a starting point for data density.
The phase detector output is a DC signal for DATAIN fre-
quencies greater than 1 MHz but produces significant ripple
when inputs are less than 200 kHz. Additional filtering is
required for lower input frequencies applications such as
8kHz (see Figures 8 and 9 as examples).
Under closed loop conditions the active filter has a block-
ing capacitor which provides a very high DC gain, so under
normal locked conditions and input frequencies >1 MHz, PHO will be about VDD/2 and will not vary significantly with changes in
input frequency (within lock range). The control voltage (pin 16) will vary according to the input frequency offset, but PHO will
remain relatively constant.
Figure 5. Open Loop Phase Detecto Transfer Curve
Recovered Clock and Data Alignment
Outputs
The CD-700 is designed to recover an embedded clock from
an NRZ data signal and retime it with a data pattern. In this
application, the VCXO frequency is exactly the same frequency
as the NRZ data rate and the outputs are taken off Pin 9 (RCLK),
and Pin 10 (RDATA). Under locked conditions, the falling edge of
RCLK is centered in the RDATA pattern. Also, there is a 1.5 clock
cycle delay between DATAIN and RDATA. Figure 6 shows the
relationship between the DATAIN, CLKIN, RDATA and RCLK.
Figure 6. Clock and Data Timing Relationships for the NRZ data
Other RZ encoding schemes such as Manchester or AMI can be accomodated by using a CD-700 at twice the baud rate.


Số phần tương tự - CD-700-SYNCE-25M0000000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vectron International, ...
CD-700-KAC-GAB-77.760 VECTRON-CD-700-KAC-GAB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700-KAC-GAB-XX.XXX ETC1-CD-700-KAC-GAB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
CD-700-KAC-GAC-77.760 VECTRON-CD-700-KAC-GAC-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAC-GAD-77.760 VECTRON-CD-700-KAC-GAD-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAC-GBB-77.760 VECTRON-CD-700-KAC-GBB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

Mô tả tương tự - CD-700-SYNCE-25M0000000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com