công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXRS646BBGZ-RL bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADXRS646BBGZ-RL
Giải thích chi tiết về linh kiện  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXRS646BBGZ-RL bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADXRS646BBGZ-RL Datasheet HTML 1Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 2Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 3Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 4Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 5Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 6Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 7Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 8Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADXRS646
Rev. 0 | Page 3 of 12
SPECIFICATIONS
All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.
TA = 25°C, VS = AVCC = VDD = 6 V, VRATIO = AVCC, angular rate = 0°/sec, bandwidth = 80 Hz (COUT = 0.01 µF), IOUT = 100 µA, ±1 g, unless
otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SENSITIVITY1
Clockwise rotation is positive output
Measurement Range2
Full-scale range over specifications range
±250
±300
°/sec
Initial
8.5
9
9.5
mV/°/sec
Temperature Drift3
±3
%
Nonlinearity
Best fit straight line
0.01
% of FS
NULL1
Null
−40°C to +105°C
2.7
3.0
3.3
V
Calibrated Null4
−40°C to +105°C
±0.1
°/sec
Temperature Drift3
±3
°/sec
Linear Acceleration Effect
Any axis
0.015
°/sec/g
Vibration Rectification
25 g rms, 50 Hz to 5 kHz
0.0001
°/sec/g2
NOISE PERFORMANCE
Rate Noise Density
TA ≤ 25°C
0.01
°/sec/√Hz
Rate Noise Density
TA ≤ 105°C
0.015
°/sec/√Hz
Resolution Floor
TA = 25°C, 1 minute to 1 hour in-run
12
°/hr
FREQUENCY RESPONSE
Bandwidth5
±3 dB user adjustable up to specification
1000
Hz
Sensor Resonant Frequency
15.5
17.5
20
kHz
SELF-TEST1
ST1 RATEOUT Response
ST1 pin from Logic 0 to Logic 1
−50
°/sec
ST2 RATEOUT Response
ST2 pin from Logic 0 to Logic 1
50
°/sec
ST1 to ST2 Mismatch6
−5
±0.5
+5
%
Logic 1 Input Voltage
ST1 pin or ST2 pin
4
V
Logic 0 Input Voltage
2
V
Input Impedance
ST1 pin or ST2 pin to common
40
50
100
kΩ
TEMPERATURE SENSOR1
VOUT at 25°C
Load = 10 MΩ
2.8
2.9
3.0
V
Scale Factor4
25°C, VRATIO = 6 V
10
mV/°C
Load to VS
25
kΩ
Load to Common
25
kΩ
TURN-ON TIME4
Power on to ±0.5°/sec of final with CP5 = 100 nF
50
ms
OUTPUT DRIVE CAPABILITY
Current Drive
For rated specifications
200
µA
Capacitive Load Drive
1000
pF
POWER SUPPLY
Operating Voltage (VS)
5.75
6.00
6.25
V
Quiescent Supply Current
4
mA
TEMPERATURE RANGE
Specified Performance
−40
+105
°C
1
Parameter is linearly ratiometric with VRATIO.
2
Measurement range is the maximum range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at 5 V supplies.
3
From +25°C to −40°C or +25°C to +105°C.
4
Based on characterization.
5
Adjusted by external capacitor, COUT. Reducing bandwidth below 0.01 Hz does not result in further noise improvement.
6
Self-test mismatch is described as (ST2 + ST1)/((ST2 − ST1)/2).


Số phần tương tự - ADXRS646BBGZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXRS646BBGZ-RL AD-ADXRS646BBGZ-RL Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
More results

Mô tả tương tự - ADXRS646BBGZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
   Yaw Rate Gyroscope with SPI
REV. D
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS645 AD-ADXRS645 Datasheet
323Kb / 10P
   High Temperature, Vibration Rejecting plus,minus2000temperature/sec Gyroscope
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
   짹150째/sec Yaw Rate Gyroscope
REV. 0
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
   Yaw Rate Gyroscope with SPI
Rev. C
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADXRS622 AD-ADXRS622 Datasheet
328Kb / 12P
   plus,minus250temperature/sec Yaw Rate Gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com