công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC79M15CT bảng dữ liệu(PDF) 2 Page - Motorola, Inc |
|
MC79M15CT bảng dữ liệu(HTML) 2 Page - Motorola, Inc |
2 / 8 page MC79M00 2 MOTOROLA ANALOG IC DEVICE DATA MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.) Rating Symbol Value Unit Input Voltage VI –35 Vdc Power Dissipation Case 221A TA = 25°C PD Internally Limited W Thermal Resistance, Junction–to–Ambient θJA 65 °C/W Thermal Resistance, Junction–to–Case θJC 5.0 °C/W Case 369 and 369A (DPAK) TA = 25°C PD Internally Limited W Thermal Resistance, Junction–to–Ambient θJA 92 °C/W Thermal Resistance, Junction–to–Case θJC 6.0 °C/W Storage Junction Temperature Tstg –65 to +150 °C Junction Temperature TJ 150 °C NOTE: ESD data available upon request. THERMAL CHARACTERISTICS Characteristic Symbol Value Unit Thermal Resistance, Junction–to–Ambient R θJA 65 °C/W Thermal Resistance, Junction–to–Case R θJC 5.0 °C/W MC79M05B, C ELECTRICAL CHARACTERISTICS (VI = –10 V, IO = 350 mA, Tlow to Thigh [Note 2], unless otherwise noted.) Characteristic Symbol Min Typ Max Unit Output Voltage (TJ = 25°C) VO –4.8 –5.0 –5.2 Vdc Line Regulation, TJ = 25°C (Note 1) –7.0 Vdc ≥ VI ≥ –25 Vdc –8.0 Vdc ≥ VI ≥ –18 Vdc Regline – – 7.0 2.0 50 30 mV Load Regulation, TJ = 25°C (Note 1) 5.0 mA ≤ IO ≤ 500 mA Regload – 30 100 mV Output Voltage –7.0 Vdc ≥ VI ≥ –25 Vdc, 5.0 mA ≤ IO ≤ 350 mA VO –4.75 – –5.25 Vdc Input Bias Current (TJ = 25°C) IIB – 4.3 8.0 mA Input Bias Current Change –8.0 Vdc ≥ VI ≥ –25 Vdc, IO = 350 mA 5.0 mA ≤ IO ≤ 350 mA, VI = –10 V ∆IIB – – – – 0.4 0.4 mA Output Noise Voltage, TA = 25°C, 10 Hz ≤ f ≤ 100 kHz Vn – 40 – µV Ripple Rejection (f = 120 Hz) RR 54 66 – dB Dropout Voltage IO = 500 mA, TJ = 25°C VI–VO – 1.1 – Vdc Average Temperature Coefficient of Output Voltage IO = 5.0 mA, 0°C ≤ TJ ≤ 125°C ∆VO/∆T – 0.2 – mV/ °C NOTES: 1. Load and line regulation are specified at constant temperature. Change in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. 2. B = Tlow to Thigh, –40°C < TJ < 125°C C = Tlow to Thigh, 0°C < TJ < 125°C |
Số phần tương tự - MC79M15CT |
|
Mô tả tương tự - MC79M15CT |