công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BD11601NUX bảng dữ liệu(PDF) 1 Page - Rohm

tên linh kiện BD11601NUX
Giải thích chi tiết về linh kiện  USB Switch ICs SPST Type(Single Pole Single Throw)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BD11601NUX bảng dữ liệu(HTML) 1 Page - Rohm

  BD11601NUX Datasheet HTML 1Page - Rohm BD11601NUX Datasheet HTML 2Page - Rohm BD11601NUX Datasheet HTML 3Page - Rohm BD11601NUX Datasheet HTML 4Page - Rohm BD11601NUX Datasheet HTML 5Page - Rohm BD11601NUX Datasheet HTML 6Page - Rohm BD11601NUX Datasheet HTML 7Page - Rohm BD11601NUX Datasheet HTML 8Page - Rohm BD11601NUX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2011.08 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
USB Switch ICs
SPST Type
(Single Pole Single Throw)
BH6260MWX
Description
BH6260MWX is SPST x 2ch and Inverter x 2ch analog switches. Analog SW0 and SW1 pass USB 2.0 high-speed signal.
Analog SW2 and SW3 pass UART signal. Moreover, this is guaranteed from 2.9V to 3.7V as for the range of the
power-supply voltage. Enable signals ENB0, ENB1, EN2, and EN3 can control Analog SW0, SW1, SW2, and SW3.
Furthermore, this is able to pass USB 2.0 high-speed signal without distortion, because of Analog SW0 and SW1 are low
capacitance. The electrostatic discharge protection circuit is built-in in all terminals.
Features
1) 5Ω switches connect inputs to outputs
2) Low Capacity Analog SW 2ch with clamp Diode
3) 1.8V Output Inverter 2ch
4) 16-Pin SON Package (3.3mm x 1.5mm, Height=0.6mm, 0.4mm pitch)
5) It contributes to the miniaturization because all external is built into.
Applications
Digital Still Cameras, Digital Video Camcorders, Portable Navigation Devices, TV, Portable DVD Players,
Portable Game Systems, Personal computers, PDA, Mobile phones
Line up matrix
Parameter
BH6260MWX
BD11600NUX
BD11603MWX
BD11601NUX
Supply Quiescent Current
0 μA
18 μA
18 μA
18 μA
Input voltage range
2.9~3.7 V
2.5~5.5 V
2.5~5.5 V
2.5~5.5 V
Switch ON Resistance
( VIN=0 V )
5 Ω
3 Ω
3 Ω
2.5 Ω
Switch ON Capacitance
10 pF
6 pF
7 pF
6 pF
Configuration
SPST x 2ch
and Inverter x 2ch
DPDT
MUX x 2Lines
DPST
Package
USON016X3315
VSON010X3020
USON016X3315
VSON008X2020
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Conditions
Input supply voltage1
Vmax1
-0.3~5.5
V
VDD,VDD18,B2,ENB0
ENB1,EN2,EN3
Input supply voltage2
Vmax2
-0.3~VDD+0.3
V
A0,B0,A1,B1,A3
Input supply voltage3
Vmax3
-0.3~VDD18+0.3
V
B3
Input supply voltage4
Vmax4
-0.3~VDD+0.3
V
A2 *3
Input supply voltage5
Vmax5
-0.3~VDD18+0.3
V
A2 *4
Power dissipation
Pd
850
mW
*1
Operating temperature range
Topr
-40~+85
Storage temperature range
Tstr
-55~+125
*1 When using more than at Ta=25℃, it is reduced 8.5 mW per 1℃. ROHM specification board 70mm× 70mm mounting.
No.11103EAT04


Số phần tương tự - BD11601NUX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD11601NUX ROHM-BD11601NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
More results

Mô tả tương tự - BD11601NUX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD11600NUX ROHM-BD11600NUX Datasheet
403Kb / 11P
   USB Switch ICs DPDT Type (Double Pole Double Throw)
logo
National Instruments Co...
PXI-2569 NI-PXI-2569 Datasheet
534Kb / 3P
   100 independent single-pole single-throw (SPST) relays
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
logo
Qorvo, Inc
QM13344 QORVO-QM13344 Datasheet
413Kb / 5P
   4xSPST (Single-Pole-Single-Throw Switch)
logo
Nexperia B.V. All right...
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
logo
Qorvo, Inc
QM13341 QORVO-QM13341 Datasheet
428Kb / 6P
   4xSPST (Single-Pole-Single-Throw Switch)
logo
NXP Semiconductors
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com