công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4390B bảng dữ liệu(PDF) 2 Page - Powerex Power Semiconductors

tên linh kiện CD4390B
Giải thích chi tiết về linh kiện  90 Amperes / Up to 1800 Volts Dual SCR Isolated Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWEREX [Powerex Power Semiconductors]
Trang chủ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD4390B bảng dữ liệu(HTML) 2 Page - Powerex Power Semiconductors

  CD4390B Datasheet HTML 1Page - Powerex Power Semiconductors CD4390B Datasheet HTML 2Page - Powerex Power Semiconductors CD4390B Datasheet HTML 3Page - Powerex Power Semiconductors CD4390B Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
90 Amperes / Up to 1800 Volts
Revision Date: 04/28/2009
CD43__90B
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Forward and Reverse Blocking
Voltage
VDRM & VRRM
up to 1800
V
Non-Repetitive Peak Reverse Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100
V
RMS Forward Current
180° Conduction, TC=84°C
IT(RMS)
150
A
Average Forward Current
180° Conduction, TC=84°C
IT(AV)
95
A
Peak One Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied, Tj=125°C
60 Hz, No VRRM reapplied, Tj=125°C
60 Hz, No VRRM reapplied, Tj=25°C
50 Hz, 100% VRRM reapplied, Tj=125°C
50 Hz, No VRRM reapplied, Tj=125°C
50 Hz, No VRRM reapplied, Tj=25°C
ITSM
ITSM
ITSM
ITSM
ITSM
ITSM
1570
1870
2100
1500
1785
2000
A
A
A
A
A
A
I
2t for Fusing for One Cycle, 8.3 milliseconds
8.3 ms, 100% VRRM reapplied, Tj=125°C
8.3 ms, No VRRM reapplied, Tj=125°C
8.3 ms, No VRRM reapplied, Tj=25°C
10 ms, 100% VRRM reapplied, Tj=125°C
10 ms, No VRRM reapplied, Tj=125°C
10 ms, No VRRM reapplied, Tj=25°C
I
2t
I
2t
I
2t
I
2t
I
2t
I
2t
10,270
14,520
18,300
11,250
15,910
20,000
A
2 sec
A
2 sec
A
2 sec
A
2 sec
A
2 sec
A
2 sec
Maximum Rate-of-Rise of On-State Current,
(Non-Repetitive)
Tj=125°C
di/dt
150
A/µs
Operating Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +125
°C
Max. Mounting Torque, M5 Mounting Screw on
Terminals
25
3
in.-Lb.
Nm
Max. Mounting Torque, Module to Heatsink
44
5
in.-Lb.
Nm
Module Weight, Typical
95
g
3.35
oz.
V Isolation @ 25C
Circuit to base, all terminals shorted together
50 – 60 Hz, 1 minute
50 – 60 Hz, 1 second
Vrms
Vrms
3000
3500
V
V
Information presented is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability,
or future availability of this product.


Số phần tương tự - CD4390B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Powerex Power Semicondu...
CD4390 POWEREX-CD4390 Datasheet
103Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
More results

Mô tả tương tự - CD4390B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Power Integrations, Inc...
CD431690B POWERINT-CD431690B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1800 Volts
logo
Powerex Power Semicondu...
CD43_90B POWEREX-CD43_90B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes Up to 1800 Volts
CD6215B POWEREX-CD6215B Datasheet
115Kb / 4P
   Dual SCR/Diode Isolated Module 150 Amperes / Up to 1800 Volts
logo
Power Integrations, Inc...
CD421690B POWERINT-CD421690B Datasheet
120Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1800 Volts
logo
Powerex Power Semicondu...
PD4307 POWEREX-PD4307 Datasheet
99Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (700 Amperes / Up to 1800 Volts)
CD420840B POWEREX-CD420840B Datasheet
118Kb / 4P
   POW-R-BLOKTM Dual SCR/Diode Isolated Module 40 Amperes / Up to 1800 Volts
PD471207 POWEREX-PD471207 Datasheet
373Kb / 5P
   POW-R-BLOKTM Dual Diode / SCR Isolated Module 700 Amperes / Up to 1800 Volts
PD4207 POWEREX-PD4207 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
PD421407 POWEREX-PD421407 Datasheet
376Kb / 5P
   POW-R-BLOKTM Dual SCR / Diode Isolated Module 700 Amperes, Up to 1800 Volts
PD4707 POWEREX-PD4707 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com