công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6TQ045STRRPBF bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện 6TQ045STRRPBF
Giải thích chi tiết về linh kiện  Schottky Rectifier, 6 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6TQ045STRRPBF bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  6TQ045STRRPBF Datasheet HTML 1Page - Vishay Siliconix 6TQ045STRRPBF Datasheet HTML 2Page - Vishay Siliconix 6TQ045STRRPBF Datasheet HTML 3Page - Vishay Siliconix 6TQ045STRRPBF Datasheet HTML 4Page - Vishay Siliconix 6TQ045STRRPBF Datasheet HTML 5Page - Vishay Siliconix 6TQ045STRRPBF Datasheet HTML 6Page - Vishay Siliconix 6TQ045STRRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94253
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 15-Mar-10
1
Schottky Rectifier, 6 A
VS-6TQ035SPbF, VS-6TQ040SPbF, VS-6TQ045SPbF
Vishay High Power Products
FEATURES
• 175 °C TJ operation
• High frequency operation
• Low forward voltage drop
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Halogen-free according to IEC 61249-2-21 definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified
DESCRIPTION
The VS-6TQ... Schottky rectifier series has been optimized
for low reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 175 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
IF(AV)
6 A
VR
35 V to 45 V
D2PAK
Anode
1
3
Base
cathode
2
N/C
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
6
A
VRRM
Range
35 to 45
V
IFSM
tp = 5 μs sine
690
A
VF
6 Apk, TJ = 125 °C
0.53
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-6TQ035SPbF
VS-6TQ040SPbF
VS-6TQ045SPbF
UNITS
Maximum DC reverse voltage
VR
35
40
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 164 °C, rectangular waveform
6
A
Maximum peak one cycle
non-repetitive surge current
See fig. 7
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
690
10 ms sine or 6 ms rect. pulse
140
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1.20 A, L = 11.10 mH
8
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1.20
A


Số phần tương tự - 6TQ045STRRPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
6TQ045STRRPBF VISHAY-6TQ045STRRPBF Datasheet
127Kb / 6P
   Schottky Rectifier, 6 A
Revision: 26-May-08
More results

Mô tả tương tự - 6TQ045STRRPBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
6TQ045 VISHAY-6TQ045 Datasheet
111Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
6TQ045SPBF VISHAY-6TQ045SPBF Datasheet
127Kb / 6P
   Schottky Rectifier, 6 A
Revision: 26-May-08
6TQS VISHAY-6TQS Datasheet
107Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
VS-6TQPBF VISHAY-VS-6TQPBF Datasheet
168Kb / 7P
   Schottky Rectifier, 6 A
Revision: 29-Aug-11
VS-6TQPBF VISHAY-VS-6TQPBF_V01 Datasheet
135Kb / 7P
   Schottky Rectifier, 6 A
08-Feb-17
6TQ045PBF VISHAY-6TQ045PBF Datasheet
115Kb / 6P
   Schottky Rectifier, 6 A
Revision: 06-Jun-08
6TQ045S VISHAY-6TQ045S Datasheet
124Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
6TQ035SPBF VISHAY-6TQ035SPBF_10 Datasheet
122Kb / 6P
   Schottky Rectifier, 6 A
Revision: 15-Mar-10
6TQ035PBF VISHAY-6TQ035PBF_12 Datasheet
167Kb / 7P
   Schottky Rectifier, 6 A
Revision: 29-Aug-11
6TQ VISHAY-6TQ Datasheet
94Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com