công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MV036F240M005 bảng dữ liệu(PDF) 1 Page - Vicor Corporation

tên linh kiện MV036F240M005
Giải thích chi tiết về linh kiện  Transformer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VICOR [Vicor Corporation]
Trang chủ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F240M005 bảng dữ liệu(HTML) 1 Page - Vicor Corporation

  MV036F240M005 Datasheet HTML 1Page - Vicor Corporation MV036F240M005 Datasheet HTML 2Page - Vicor Corporation MV036F240M005 Datasheet HTML 3Page - Vicor Corporation MV036F240M005 Datasheet HTML 4Page - Vicor Corporation MV036F240M005 Datasheet HTML 5Page - Vicor Corporation MV036F240M005 Datasheet HTML 6Page - Vicor Corporation MV036F240M005 Datasheet HTML 7Page - Vicor Corporation MV036F240M005 Datasheet HTML 8Page - Vicor Corporation MV036F240M005 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
vicorpower.com
800-735-6200
V•I Chip Transformer
MV036 SERIES
Rev. 2.8
Page 1 of 10
Product Description
The VTM Transformer is a V•I Chip
TM product that
provides extremely fast, efficient, and quiet fixed ratio
voltage division (or current multiplication). With twelve
voltage division ratios from 1:1 to 1:32, the isolated VTM
provides the user with the flexibility to supply up to 100
A or 120 W at any output voltage from 1 to 50 Vdc in a
surface mount package occupying ~1 square inch.
The Military VTMs are optimized for use with the Military
PRM
TM Regulator to implement a Factorized Power
Architecture
TM (FPATM). Together, the PRM + VTM chip set
provides the full functionality of a DC-DC converter, but
with breakthrough performance and flexibility in a
rugged, miniature package. The companion PRM for the
MV036 family of VTMs is the 28 Vdc input
MP028F036M12AL, which operates from an input range
of 16-50 Vdc (the data sheet is available at
vicorpower.com). The VTM can also be used as a
standalone POL product.
By factorizing the DC-DC power conversion into its
essential elements – the VTM’s isolation and
transformation on the one hand, and the PRM’s output
voltage control and regulation on the other – and
arranging those functions in a sequence that maximizes
system performance, FPA offers a fundamentally new and
significantly improved approach to power conversion.
The VTM’s fast dynamic response and low noise eliminate
the need for bulk capacitance at the load, substantially
increasing the POL density while improving reliability and
decreasing cost. The low profile VTM (0.265 inches,
6,73 mm) is available with J-leads for surface mount or
pins for through hole applications.
Parameter
Values
Unit
Notes
+In to -In
-1.0 to 60
Vdc
100
Vdc
For 100 ms
PC to -In
-0.3 to 7.0
Vdc
VC to -In
-0.3 to 19.0
Vdc
+Out to -Out
Model specific
Vdc
Contact factory
Isolation voltage
2,250
Vdc
Input to Output
Output current
Model specific
A
See Table 1
Peak output current
1.5 Iout
A
For 1 ms
Output power
120
W
Peak output power
180
W
For 1 ms
Case temperature
225
°C
MSL 5
245
°C
MSL 6
Operating junction temperature[a]
-55 to 125
°C
M - Grade
Storage temperature
-65 to 125
°C
M - Grade
VTMTM
Transformer
• Isolated 1-50 Vout
• High density
• Small footprint
• ZVS / ZCS Sine Amplitude Converter
TM
• 3 MHz effective switching frequency
• Surface-mount package
• Low weight
• -55°C to 125°C operation
• 1 µs transient response
• 4.5 million hours MTBF
• Up to 96.5% efficiency
MIL-COTS
MV036 SERIES
©
Note:
[a] The referenced junction is defined as the semiconductor having the highest temperature.
This temperature is monitored by a shutdown comparator.
Output Current
Designator
(=IOUT)
MV
036
F
120
M
010
Input Voltage
Designator
Product Grade Temperatures (°C)
Grade
Storage Operating (TJ)
M
-65 to125 -55 to125
Configuration
F = J-lead
T = Through hole
Output Voltage
Designator
(=VOUT x10)
Part Numbering Format
Absolute Maximum Ratings
Voltage
Transformation
Module


Số phần tương tự - MV036F240M005

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vicor Corporation
MV036F240M005 VICOR-MV036F240M005 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F240M005 VICOR-MV036F240M005 Datasheet
1Mb / 10P
   High density
MV036F240M005 VICOR-MV036F240M005 Datasheet
1Mb / 10P
   MV036 SERIES
More results

Mô tả tương tự - MV036F240M005

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
BX4030 PULSE-BX4030 Datasheet
46Kb / 1P
   VDSL TRANSFORMER VDSL TRANSFORMER
logo
Bel Fuse Inc.
0559-3855-00 BEL-0559-3855-00 Datasheet
56Kb / 1P
   TRANSFORMER
logo
SCHOTT CORPORATION
22632 SCHOTT-22632 Datasheet
13Kb / 1P
   TRANSFORMER
logo
Wurth Elektronik GmbH &...
750871032 WURTH-750871032 Datasheet
54Kb / 1P
   TRANSFORMER
MIC38121-5356X-LF3 WURTH-MIC38121-5356X-LF3 Datasheet
354Kb / 2P
   TRANSFORMER
750310349 WURTH-750310349 Datasheet
167Kb / 1P
   TRANSFORMER
750310617 WURTH-750310617 Datasheet
186Kb / 1P
   TRANSFORMER
750310799 WURTH-750310799 Datasheet
203Kb / 1P
   TRANSFORMER
750310926 WURTH-750310926 Datasheet
139Kb / 1P
   TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com