công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3DS10224RUKR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS3DS10224RUKR
Giải thích chi tiết về linh kiện  High-Speed 2:4 Differential Multiplexer / Demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DS10224RUKR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS3DS10224RUKR Datasheet HTML 1Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 2Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 3Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 4Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 5Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 6Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 7Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 8Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SAO
SAI
VCC
SBI
SBO
INA+
INA-
INB+
INB-
GND
15
11
5
1
RUK PACKAGE
(TOP VIEW)
TS3DS10224
www.ti.com
SCDS318
– JUNE 2011
High-Speed 2:4 Differential Multiplexer / Demultiplexer
Check for Samples: TS3DS10224
1
FEATURES
APPLICATIONS
2:4 Differential Multiplexer/Demultiplexer
Desktop/Notebooks Computers
Bidirectional Operation
DisplayPort Auxiliary Channel Multiplexing
Can be used in
USB 2.0 Multiplexing
– Single 1:4 Configuration
Netbooks/eBooks/Tablets
– Dual 1:2 Configuration
– Fan out 1:2 Configuration
High BW (1.2 GHz Typ)
Low RON and CON:
– 13 Ω RON Typ
– 9 pF CON Typ
ESD Performance (I/O Pins)
– ±8-kV Contact Discharge (IEC61000-4-2)
– 2-kV Human Body Model per
JESD22-A114E (to GND)
ESD Performance (All Pins)
– 2-kV Human Body Model per
JESD22-A114E
Small QFN package (3 x 3 mm, 0.4-mm pitch)
DESCRIPTION
The TS3DS10224 is a 2:4 bidirectional multiplexer for high-speed differential and single ended signal
applications (up to 720 Mbps). The TS3DS10224 can be used in a 1:4 or dual 1:2 multiplexer/demultiplexer
configuration. The TS3DS10224 offers a high BW of 1.2 GHz with channel RON of 13 Ω (Typ).
The TS3DS10224 can also be used to fan out a differential or single ended signal pair to two ports
simultaneously (fan-out configuration). The BW performance is lower in this configuration.
The TS3DS10224 operates with a 3 to 3.6V power supply. It features ESD protection of up to
±8-kV contact
discharge and 2-kV Human Body Model on its I/O pins.
The TS3DS10224 provides fail-safe protection by isolating the I/O pins with high impedance when the power
supply (VCC) is not present.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - TS3DS10224RUKR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3DS26227 TI-TS3DS26227 Datasheet
509Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL-SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI-TS3DS26227 Datasheet
523Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI1-TS3DS26227 Datasheet
458Kb / 20P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227YZPR TI-TS3DS26227YZPR Datasheet
523Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227YZTR TI-TS3DS26227YZTR Datasheet
509Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL-SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
More results

Mô tả tương tự - TS3DS10224RUKR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
CBTU04083 NXP-CBTU04083 Datasheet
323Kb / 14P
   1.8 V, wide bandwidth, 4 differential channel, 2 : 1 multiplexer/demultiplexer switch
Rev. 1-16 July 2010
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
TC7W53F TOSHIBA-TC7W53F Datasheet
318Kb / 10P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC7PA53FU TOSHIBA-TC7PA53FU_07 Datasheet
163Kb / 8P
   2-Channel Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC7W53F TOSHIBA-TC7W53F_06 Datasheet
492Kb / 11P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
STMicroelectronics
HCF4097B STMICROELECTRONICS-HCF4097B Datasheet
394Kb / 10P
   ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
236Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com