công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5820-M3 bảng dữ liệu(PDF) 6 Page - Vishay Siliconix

tên linh kiện 1N5820-M3
Giải thích chi tiết về linh kiện  Schottky Rectifier, 3.0 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5820-M3 bảng dữ liệu(HTML) 6 Page - Vishay Siliconix

  1N5820-M3 Datasheet HTML 1Page - Vishay Siliconix 1N5820-M3 Datasheet HTML 2Page - Vishay Siliconix 1N5820-M3 Datasheet HTML 3Page - Vishay Siliconix 1N5820-M3 Datasheet HTML 4Page - Vishay Siliconix 1N5820-M3 Datasheet HTML 5Page - Vishay Siliconix 1N5820-M3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 12-Mar-12
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk and agree
to fully indemnify and hold Vishay and its distributors harmless from and against any and all claims, liabilities, expenses and
damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that Vishay
or its distributor was negligent regarding the design or manufacture of the part. Please contact authorized Vishay personnel to
obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.
Material Category Policy
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as RoHS-Compliant fulfill the
definitions and restrictions defined under Directive 2011/65/EU of The European Parliament and of the Council
of June 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(EEE) - recast, unless otherwise specified as non-compliant.
Please note that some Vishay documentation may still make reference to RoHS Directive 2002/95/EC. We confirm that
all the products identified as being compliant to Directive 2002/95/EC conform to Directive 2011/65/EU.


Số phần tương tự - 1N5820-M3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nanjing International G...
1N5820-3A-DO-27 DGNJDZ-1N5820-3A-DO-27 Datasheet
191Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Sangdest Microelectroni...
1N5820-5822 SMC-1N5820-5822 Datasheet
225Kb / 4P
   3.0 SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
1N5820-AP MCC-1N5820-AP Datasheet
489Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Diodes Incorporated
1N5820-B DIODES-1N5820-B Datasheet
61Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIERS
DS23003 Rev. 8 - 2
1N5820-B DIODES-1N5820-B Datasheet
56Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIERS
DS23003 Rev. 9 - 2
More results

Mô tả tương tự - 1N5820-M3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
30BQ015PBF VISHAY-30BQ015PBF_11 Datasheet
118Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
MBRD320PBF VISHAY-MBRD320PBF_11 Datasheet
122Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 14-Jan-11
VS-30BQ060TRPBF VISHAY-VS-30BQ060TRPBF Datasheet
120Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ060PBF VISHAY-30BQ060PBF_10 Datasheet
121Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ015PBF VISHAY-30BQ015PBF Datasheet
102Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 14-Aug-08
MBRD320 VISHAY-MBRD320 Datasheet
104Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 06-Jun-08
MBRS340TRPBF VISHAY-MBRS340TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 09-Oct-08
VS-1N5820 VISHAY-VS-1N5820 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ015PBF VISHAY-VS-30BQ015PBF Datasheet
117Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
VS-30BQ040TRPBF VISHAY-VS-30BQ040TRPBF Datasheet
113Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com