công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIA78R15 bảng dữ liệu(PDF) 3 Page - Tiger Electronic Co.,Ltd

tên linh kiện KIA78R15
Giải thích chi tiết về linh kiện  1A Low Dropout Voltage Regulator With ON/OFF Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TGS [Tiger Electronic Co.,Ltd]
Trang chủ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KIA78R15 bảng dữ liệu(HTML) 3 Page - Tiger Electronic Co.,Ltd

  KIA78R15 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KIA78R15 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KIA78R15 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd KIA78R15 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd KIA78R15 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd KIA78R15 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd KIA78R15 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
KIA78RXX
3/7
Output Curr ent
1
A
Power Dissipati on 1 (n o hea t sin k )
1.5
W
TO -252-5L
10
Power Dissipati on 2 (w ith he atsi nk)
TO -220F-4
15
W
Juncti on Te m p erature
125
°C
Operating Te mp erature
-20 ~ 80
°C
St orage Te m p erature
-30 ~ 12 5
°C
Solderin g Te mp erature (10sec)
260
°C
ELECTRI CAL CH ARACTERISTICS
(unless otherwise spec ified: Io=0. 5 A,Ta =25
°C)
Characteris tics
Sym bol
Test co nd it ions
Min
Ty p
Max
U nit
Output Vo lt age
Vout
Note1
-2%Vo
2%Vo
V
Load re gul atio n
Rload
Io=5 mA ~ 2A
0.1
2.0
%
Line reg u la tion
Rline
Note2
0.5
2.5
%
Te mp erature coefficie n t of
out put vo lt age
Tc Vo
Tj=0 ~ 12 5
°C
±0.02
±0.05
%/ ℃
Ripple reje ction
R.R
45
55
dB
Drop out v o lta ge
V D
Io= 1 A,Note3
0.5
V
Output ON state for control
volt a ge
V C(ON)
2.0
V
Output ON state for control
current
I C(ON)
Vc=2.7V
20
µA
Output
OFF
state
for
control volt age
V C (O FF)
0.8
V
Output
OFF
state
for
control current
I C(OF F)
Vc=0.4Vo
-0.4
m A
Quiescent c u rrent
I Q
Note1,Io= 0
10
m A
Note:


Số phần tương tự - KIA78R15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KEC(Korea Electronics)
KIA78R15API KEC-KIA78R15API Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Tiger Electronic Co.,Lt...
KIA78R15API TGS-KIA78R15API Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
KEC(Korea Electronics)
KIA78R15F KEC-KIA78R15F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R15F KEC-KIA78R15F Datasheet
108Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
Tiger Electronic Co.,Lt...
KIA78R15FXX TGS-KIA78R15FXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
More results

Mô tả tương tự - KIA78R15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tiger Electronic Co.,Lt...
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Toshiba Semiconductor
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com