công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N1188 bảng dữ liệu(PDF) 3 Page - Vishay Siliconix

tên linh kiện 1N1188
Giải thích chi tiết về linh kiện  Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N1188 bảng dữ liệu(HTML) 3 Page - Vishay Siliconix

  1N1188 Datasheet HTML 1Page - Vishay Siliconix 1N1188 Datasheet HTML 2Page - Vishay Siliconix 1N1188 Datasheet HTML 3Page - Vishay Siliconix 1N1188 Datasheet HTML 4Page - Vishay Siliconix 1N1188 Datasheet HTML 5Page - Vishay Siliconix 1N1188 Datasheet HTML 6Page - Vishay Siliconix 1N1188 Datasheet HTML 7Page - Vishay Siliconix 1N1188 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 93492
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 25-May-09
3
1N1183, 1N3765, 1N1183A, 1N2128A Series
Power Silicon Rectifier Diodes,
35 A/40 A/60 A
Vishay High Power Products
Notes
(1) JEDEC registered values
(2) Recommended for pass-through holes
(3) Recommended for holed threaded heatsinks
Fig. 1 - Maximum Allowable Case Temperature vs.
Average Forward Current, 1N1183 and 1N3765 Series
Fig. 2 - Typical Low Level Forward Power Loss vs.
Average Forward Current (Sinusoidal Current Waveform),
1N1183 and 1N3765 Series
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
1N1183 1N3765 1N1183A 1N2128A UNITS
Maximum operating
case temperature range
TC
- 65 to 190 (1)
- 65 to 200
°C
Maximum storage
temperature range
TStg
- 65 to 175 (1)
- 65 to 200
Maximum internal thermal
resistance, junction to case
RthJC
DC operation
1.00 (1)
1.1 (1)
0.65 (1)
°C/W
Thermal resistance,
case to sink
RthCS
Mounting surface, smooth, flat and greased
0.25
Maximum allowable
mounting torque
(+ 0 %, - 10 %)
Not lubricated thread, tighting on nut (2)
3.4 (30)
N · m
(lbf · in)
Lubricated thread, tighting on nut (2)
2.3 (20)
Not lubricated thread, tighting on hexagon (3)
4.2 (37)
Lubricated thread, tighting on hexagon (3)
3.2 (28)
Approximate weight
17
g
0.6
oz.
Case style
JEDEC
DO-203AB (DO-5)


Số phần tương tự - 1N1188

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
1N1188 MICROSEMI-1N1188 Datasheet
113Kb / 2P
   Military Silicon Power Rectifier
logo
Naina Semiconductor ltd...
1N1188 NAINA-1N1188 Datasheet
556Kb / 2P
   Standard Recovery Diode, 35A
logo
Diotec Semiconductor
1N1188 DIOTEC-1N1188 Datasheet
160Kb / 2P
   Silicon-Power Rectifiers
logo
GeneSiC Semiconductor, ...
1N1188 GENESIC-1N1188 Datasheet
724Kb / 3P
   Silicon Standard Recovery Diode
logo
Microsemi Corporation
1N1188 MICROSEMI-1N1188 Datasheet
128Kb / 2P
   Silicon Power Rectifier
More results

Mô tả tương tự - 1N1188

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
VS-1N1190 VISHAY-VS-1N1190 Datasheet
155Kb / 9P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 28-Jan-14
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
VS-1N1183 VISHAY-VS-1N1183_V01 Datasheet
147Kb / 7P
   Power Silicon Rectifier Diodes, (Stud Version), 35 A, 40 A, 60 A
01-Jan-2022
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
logo
ON Semiconductor
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
logo
Vishay Siliconix
T40HF VISHAY-T40HF_10 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
logo
PHOENIX CONTACT
3241239 PHOENIX-3241239 Datasheet
50Kb / 2P
   Ferrule - A 35 -40
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A_12 Datasheet
152Kb / 6P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com