công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC88PL117 bảng dữ liệu(PDF) 10 Page - Motorola, Inc

tên linh kiện MC88PL117
Giải thích chi tiết về linh kiện  CMOS PLL CLOCK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC88PL117 bảng dữ liệu(HTML) 10 Page - Motorola, Inc

Back Button MC88PL117 Datasheet HTML 3Page - Motorola, Inc MC88PL117 Datasheet HTML 4Page - Motorola, Inc MC88PL117 Datasheet HTML 5Page - Motorola, Inc MC88PL117 Datasheet HTML 6Page - Motorola, Inc MC88PL117 Datasheet HTML 7Page - Motorola, Inc MC88PL117 Datasheet HTML 8Page - Motorola, Inc MC88PL117 Datasheet HTML 9Page - Motorola, Inc MC88PL117 Datasheet HTML 10Page - Motorola, Inc MC88PL117 Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MC88PL117
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
10
OUTLINE DIMENSIONS
FN SUFFIX
PLASTIC PACKAGE
CASE 778-02
ISSUE C
–L–
Y BRK
W
D
D
V
52
1
NOTES:
1. DATUMS –L–, –M–, AND –N– DETERMINED WHERE
TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT
MOLD PARTING LINE.
2. DIMENSION G1, TRUE POSITION TO BE MEASURED
AT DATUM –T–, SEATING PLANE.
3. DIMENSIONS R AND U DO NOT INCLUDE MOLD
FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250)
PER SIDE.
4. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN THE
PACKAGE BOTTOM BY UP TO 0.012 (0.300).
DIMENSIONS R AND U ARE DETERMINED AT THE
OUTERMOST EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE
BURRS AND INTERLEAD FLASH, BUT INCLUDING
ANY MISMATCH BETWEEN THE TOP AND BOTTOM
OF THE PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037 (0.940).
THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE
H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
B
U
Z
G1
X
VIEW D–D
H
K1
K
F
VIEW S
M
0.007 (0.18)
L–M S
T
S
N
M
0.007 (0.18)
L–M S
T
S
N
0.004 (0.100)
–T– SEATING
PLANE
M
0.007 (0.18)
L–M S
T
S
N
M
0.007 (0.18)
L–M S
T
S
N
A
R
G
G1
C
Z
J
E
VIEW S
–M–
–N–
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.785
0.795
19.94
20.19
B
0.785
0.795
19.94
20.19
C
0.165
0.180
4.20
4.57
E
0.090
0.110
2.29
2.79
F
0.013
0.019
0.33
0.48
G
0.050 BSC
1.27 BSC
H
0.026
0.032
0.66
0.81
J
0.020
–––
0.51
–––
K
0.025
–––
0.64
–––
R
0.750
0.756
19.05
19.20
U
0.750
0.756
19.05
19.20
V
0.042
0.048
1.07
1.21
W
0.042
0.048
1.07
1.21
X
0.042
0.056
1.07
1.42
Y
–––
0.020
–––
0.50
Z
2
10
2
10
G1
0.710
0.730
18.04
18.54
K1
0.040
–––
1.02
–––
__
__
M
0.007 (0.18)
L–M S
T
S
N
M
0.007 (0.18)
L–M S
T
S
N
S
0.010 (0.25)
L–M S
T
S
N
S
0.010 (0.25)
L–M S
T
S
N


Số phần tương tự - MC88PL117

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC88913 MOTOROLA-MC88913 Datasheet
75Kb / 4P
   LOW SKEW CMOS CLOCK DRIVER
MC88913D MOTOROLA-MC88913D Datasheet
75Kb / 4P
   LOW SKEW CMOS CLOCK DRIVER
MC88913N MOTOROLA-MC88913N Datasheet
75Kb / 4P
   LOW SKEW CMOS CLOCK DRIVER
MC88914 MOTOROLA-MC88914 Datasheet
77Kb / 4P
   LOW SKEW CMOS CLOCK DRIVER WITH RESET
MC88914D MOTOROLA-MC88914D Datasheet
77Kb / 4P
   LOW SKEW CMOS CLOCK DRIVER WITH RESET
More results

Mô tả tương tự - MC88PL117

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
   LOW SKEW CMOS PLL 68060 CLOCK DRIVER
logo
Integrated Device Techn...
MC88LV926 IDT-MC88LV926 Datasheet
283Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
MC88LV926EGR2 IDT-MC88LV926EGR2 Datasheet
291Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Renesas Technology Corp
MPC9315 RENESAS-MPC9315 Datasheet
441Kb / 19P
   2.5V and 3.3V CMOS PLL Clock Generator and Driver
October 4, 2016
logo
Motorola, Inc
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
   2.5V and 3.3V CMOS PLL Clock Generator and Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com