công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC88PL117 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC88PL117
Giải thích chi tiết về linh kiện  CMOS PLL CLOCK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC88PL117 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC88PL117 Datasheet HTML 1Page - Motorola, Inc MC88PL117 Datasheet HTML 2Page - Motorola, Inc MC88PL117 Datasheet HTML 3Page - Motorola, Inc MC88PL117 Datasheet HTML 4Page - Motorola, Inc MC88PL117 Datasheet HTML 5Page - Motorola, Inc MC88PL117 Datasheet HTML 6Page - Motorola, Inc MC88PL117 Datasheet HTML 7Page - Motorola, Inc MC88PL117 Datasheet HTML 8Page - Motorola, Inc MC88PL117 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 4
© Motorola, Inc. 1997
1/97
Not Recommended for New Designs
CMOS PLL Clock Driver
Programmable Frequency, Low Skew,
High Fan-Out
The MC88PL117 utilizes proven phase–locked loop clock driver
technology to create a large fan–out, multiple frequency and phase, low
skew clock driver. The 88PL117 provides the clock frequencies
necessary to drive systems using the PowerPC
™ 601 microprocessor
and the Pentium
™ microprocessor (see applications section for details).
A total of 14 high current, matched impedance outputs are available in 8
programmable output frequency and phase configurations. Output
frequencies are referenced to a system frequency, Q, and are available at
2X, 1X, and 1/2X the Q frequency. Four programmable input frequency
multiplication ratios can be programmed to provide outputs at 1X, 2X, and
4X the system frequency Q. Details on the programmable configurations
can be found in the applications section of this data sheet.
Clock Driver for PowerPC 601 and Pentium Microprocessors
14 programmable outputs
Maximum output–to–output skew of 500ps for a single frequency
Maximum output–to–output skew of 500ps for multiple frequencies
fMAX of 2X_Q = 120MHz
One output with programmable phase capability
±36mA DC current outputs drive 50Ω transmission lines
A lock indicator output (LOCK) goes high when steady–state
phase–lock is achieved
OE/MR 3–state control
Dedicated feedback output
Two selectable clock inputs
PLL enable pin for testability
Dynamic Switch Between SYNC Inputs
One output (QFEED) is dedicated for feedback. It is located physically close to the FEEDBACK input pin to minimize the
feedback line length. External delay (increased wire length) or logic can be inserted in the feedback path if necessary. Proper
termination of the feedback line is necessary for any line length over one inch.
One output is provided with up to eight selectable 1/8 or 1/4 period (45
° or 90°) delay increments. Three control pins, ∅2, ∅1
and
∅0, program the eight increments; the increment/phase shift positions are shown in Table 3. in the applications section.
All outputs can be 3–stated (high impedance) during board–level testing with the OE/MR pin; the QFEED and LOCK outputs
will not be 3–stated, which allows the 88PL117 to remain in a phase–locked condition. Correct phase and frequency coherency
will be guaranteed one to two cycles after bringing the OE/MR pin high. The PLL_EN pin disables the PLL and gates the SYNC
input signal directly into the internal clock distribution network to provide low frequency testability. Two selectable SYNC inputs
(SYNC0 and SYNC1) are provided for clock redundancy or ease of testability. The device is guaranteed to lock to the new SYNC
input when the REF_SEL input is switched dynamically.
A phase–lock indicator output (LOCK) stays low when the part is out of lock (start–up, etc.) and goes high when steady–state
phase–lock is achieved. The lock indicator circuitry works reliably for VCO frequencies down to 55MHz. For VCO frequencies
less than 55MHz, no guarantees are offered for the lock indicator output.
The MC88PL117 VCO is capable of operating at frequencies higher than the output divider and feedback structures are able
to follow. When the VCO is in the mode described above, it is referred to as “runaway” and the device will not lock. The condition
usually occurs at power–up. To avoid runaway, it is recommended that the device be fully powered before a sync signal is
applied.
PowerPC is a trademark of International Business Machines Corporation.
MC88PL117
CMOS PLL
CLOCK DRIVER
FN SUFFIX
52–LEAD PLASTIC LEADLESS
CHIP CARRIER (PLCC)
CASE 778–02


Số phần tương tự - MC88PL117

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC88913 MOTOROLA-MC88913 Datasheet
75Kb / 4P
   LOW SKEW CMOS CLOCK DRIVER
MC88913D MOTOROLA-MC88913D Datasheet
75Kb / 4P
   LOW SKEW CMOS CLOCK DRIVER
MC88913N MOTOROLA-MC88913N Datasheet
75Kb / 4P
   LOW SKEW CMOS CLOCK DRIVER
MC88914 MOTOROLA-MC88914 Datasheet
77Kb / 4P
   LOW SKEW CMOS CLOCK DRIVER WITH RESET
MC88914D MOTOROLA-MC88914D Datasheet
77Kb / 4P
   LOW SKEW CMOS CLOCK DRIVER WITH RESET
More results

Mô tả tương tự - MC88PL117

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
   LOW SKEW CMOS PLL 68060 CLOCK DRIVER
logo
Integrated Device Techn...
MC88LV926 IDT-MC88LV926 Datasheet
283Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
MC88LV926EGR2 IDT-MC88LV926EGR2 Datasheet
291Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Renesas Technology Corp
MPC9315 RENESAS-MPC9315 Datasheet
441Kb / 19P
   2.5V and 3.3V CMOS PLL Clock Generator and Driver
October 4, 2016
logo
Motorola, Inc
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
   2.5V and 3.3V CMOS PLL Clock Generator and Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com