công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES11M bảng dữ liệu(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

tên linh kiện ES11M
Giải thích chi tiết về linh kiện  50V ~ 600V 1.0 Amp Surface Mount Efficient Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SECOS [SeCoS Halbleitertechnologie GmbH]
Trang chủ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ES11M bảng dữ liệu(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  ES11M Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ES11M Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
ES11M~ES15M
50V ~ 600V
1.0 Amp Surface Mount Efficient Fast Rectifiers
09-Dec-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTIONS
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Small plastic SMD package.
TRR less than 25nS for high efficiency
Low forward drop down voltage
High surge and high current capability.
Superfast recovery time for switching mode application.
Glass-passivated chip junction.
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94-V0 rate flame retardant
Weight: 0.0270 g (approximately)
MARKING
Part Number
Marking
Part Number
Marking
ES11M
E3
ES14M
E4
ES12M
E3
ES15M
E5
ES13M
E3
PACKAGING INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Part Number
Parameters
Symbol
ES11M
ES12M
ES13M
ES14M
ES15M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum Reverse Voltage
VR
50
100
200
400
600
V
Maximum Forward Voltage @ IF=1A
VF
0.875
1.25
1.75
V
Maximum Average Forward Rectified Current
@TA=55°C
IO
1.0
A
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
30
A
TA=25°C
5
Maximum DC Reverse Current at
Rated DC Blocking Voltage
TA=125°C
IR
100
µA
Reverse Recovery Time
TRR
25
nS
Typical Junction Capacitance
1
CJ
15
pF
Storage and Operating Temperature Range
TSTG, TJ
-65~175, -55~150
°C
Note:
1.
f=1MHz and applied 4V DC reverse voltage
Package
MPQ
Leader Size
SOD-123M
2.5K
7 inch
SOD-123M
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.50
3.90
D
3.60 (MAX.)
B
1.40
1.80
E
0.80 (TYP.)
C
1.30
1.70
F
0.30 (TYP.)
E
E
F
B
C
D
A


Số phần tương tự - ES11M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
ES11M SECOS-ES11M Datasheet
87Kb / 2P
   1.0 Amp Surface Mount Efficient Fast Rectifiers
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
SeCoS Halbleitertechnol...
ES11M SECOS-ES11M_15 Datasheet
213Kb / 2P
   1.0 Amp Surface Mount Efficient Fast Rectifiers
More results

Mô tả tương tự - ES11M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
ES11M SECOS-ES11M Datasheet
87Kb / 2P
   1.0 Amp Surface Mount Efficient Fast Rectifiers
ES11M SECOS-ES11M_15 Datasheet
213Kb / 2P
   1.0 Amp Surface Mount Efficient Fast Rectifiers
SUF101JD SECOS-SUF101JD Datasheet
227Kb / 2P
   Voltage 50V ~ 600V, 1.0 Amp Surface Mount Super Fast Recovery Rectifiers
logo
Bruckewell Technology L...
SUF160-D2 BWTECH-SUF160-D2 Datasheet
410Kb / 4P
   Surface Mount Super Fast Rectifiers 1.0 Amp 600V
SUF160L BWTECH-SUF160L Datasheet
347Kb / 4P
   Surface Mount Super Fast Rectifiers 1.0 Amp 600V
logo
Taiwan Semiconductor Co...
HS1A TSC-HS1A_1 Datasheet
133Kb / 2P
   1.0 AMP. High Efficient Surface Mount Rectifiers
HS1A TSC-HS1A Datasheet
66Kb / 2P
   1.0 AMP. High Efficient Surface Mount Rectifiers
HS1A TSC-HS1A_10 Datasheet
471Kb / 2P
   1.0 AMP. High Efficient Surface Mount Rectifiers
logo
Tiger Electronic Co.,Lt...
US1M TGS-US1M Datasheet
208Kb / 1P
   1.0 AMP, HIGH EFFICIENT RECOVERY SURFACE MOUNT RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF11M SECOS-SUF11M Datasheet
152Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com