công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

932S805CGLF bảng dữ liệu(PDF) 8 Page - Integrated Device Technology

tên linh kiện 932S805CGLF
Giải thích chi tiết về linh kiện  K8 Clock Chip for Serverworks HT2100 Servers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

932S805CGLF bảng dữ liệu(HTML) 8 Page - Integrated Device Technology

Back Button 932S805CGLF Datasheet HTML 4Page - Integrated Device Technology 932S805CGLF Datasheet HTML 5Page - Integrated Device Technology 932S805CGLF Datasheet HTML 6Page - Integrated Device Technology 932S805CGLF Datasheet HTML 7Page - Integrated Device Technology 932S805CGLF Datasheet HTML 8Page - Integrated Device Technology 932S805CGLF Datasheet HTML 9Page - Integrated Device Technology 932S805CGLF Datasheet HTML 10Page - Integrated Device Technology 932S805CGLF Datasheet HTML 11Page - Integrated Device Technology 932S805CGLF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ICS932S805C
K8 Clock Chip for Serverworks HT2100 Servers
8
IDT®
K8 Clock Chip for Serverworks HT2100 Servers
1131D – 05/04/10
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
SRCCLK PD
SRCCLK Power Down Drive Mode
RW
Driven
Hi-Z
0
Bit 6
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 5
SRCCLK5
Output Enable
RW
Disable (Hi-Z)
Enable
1
Bit 4
SRCCLK4
Output Enable
RW
Disable (Hi-Z)
Enable
1
Bit 3
SRCCLK3
Output Enable
RW
Disable (Hi-Z)
Enable
1
Bit 2
SRCCLK2
Output Enable
RW
Disable (Hi-Z)
Enable
1
Bit 1
SRCCLK1
Output Enable
RW
Disable (Hi-Z)
Enable
1
Bit 0
SRCCLK0
Output Enable
RW
Disable (Hi-Z)
Enable
1
SMBus Table: Drive Strength Control Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
REF2
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 6
REF1
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 5
REF0
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 4
PCICLK1
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 3
PCICLK0
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 2
48MHz_2
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 1
48MHz_1
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 0
48MHz_0
Drive Strength Select
RW
1 Load
2 Loads
1
SMBus Table: SRC Frequency Select Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
25MHz_1
Output Enable
RW
Disable (Low)
Enable
1
Bit 6
25MHz_0
Output Enable
RW
Disable (Low)
Enable
1
Bit 5
25MHz_1
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 4
25MHz_0
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 3
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 2
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 1
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 0
Reserved
Reserved
RW
Reserved
Reserved
0
SMBus Table: Device ID Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
DevID 7
Device ID MSB
R
-
-
1
Bit 6
DevID 6
Device ID 6
R
-
-
0
Bit 5
DevID 5
Device ID 5
R
-
-
0
Bit 4
DevID 4
Device ID4
R
-
-
0
Bit 3
DevID 3
Device ID3
R
-
-
0
Bit 2
DevID 2
Device ID2
R
-
-
1
Bit 1
DevID 1
Device ID1
R
-
-
0
Bit 0
DevID 0
Device ID LSB
R
-
-
1
5
4
11
10
-
9
Byte 6
17
16
Byte 3
SRC CLKs
-
38/37
36/35
34/33
29/30
27/28
25/26
Byte 4
6
-
-
-
-
-
-
-
Byte 5
62
63
62
63
-
-
-
-


Số phần tương tự - 932S805CGLF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
932S805CGLF RENESAS-932S805CGLF Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
932S805CGLFT RENESAS-932S805CGLFT Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
More results

Mô tả tương tự - 932S805CGLF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ICS932S805C RENESAS-ICS932S805C Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
logo
List of Unclassifed Man...
ICS932S801AFLF ETC2-ICS932S801AFLF Datasheet
183Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
ICS932S801AFLFT ETC2-ICS932S801AFLFT Datasheet
194Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
logo
Renesas Technology Corp
ICS932S801 RENESAS-ICS932S801 Datasheet
397Kb / 21P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
2019
ICS932S825 RENESAS-ICS932S825 Datasheet
434Kb / 21P
   Low Power Clock Chip for Serverworks HT2400 Servers
2019
logo
Integrated Circuit Syst...
ICS932S825 ICST-ICS932S825 Datasheet
231Kb / 20P
   Low Power Clock Chip for Serverworks HT2400 Servers
logo
Renesas Technology Corp
932S806 RENESAS-932S806 Datasheet
577Kb / 21P
   Clock Chip for 2 and 4-way AMD K8-based servers
2019
logo
Integrated Circuit Syst...
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
   AMD - K8 System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
   AMD - K8??System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
   AMD - K8 System Clock Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com