công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

932S421BFLF bảng dữ liệu(PDF) 1 Page - Integrated Device Technology

tên linh kiện 932S421BFLF
Giải thích chi tiết về linh kiện  PCIe Gen2 and QPI Clock for Intel-Based Servers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

932S421BFLF bảng dữ liệu(HTML) 1 Page - Integrated Device Technology

  932S421BFLF Datasheet HTML 1Page - Integrated Device Technology 932S421BFLF Datasheet HTML 2Page - Integrated Device Technology 932S421BFLF Datasheet HTML 3Page - Integrated Device Technology 932S421BFLF Datasheet HTML 4Page - Integrated Device Technology 932S421BFLF Datasheet HTML 5Page - Integrated Device Technology 932S421BFLF Datasheet HTML 6Page - Integrated Device Technology 932S421BFLF Datasheet HTML 7Page - Integrated Device Technology 932S421BFLF Datasheet HTML 8Page - Integrated Device Technology 932S421BFLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ICS932S421B
IDTTM
PCIe Gen2 and QPI Clock for Intel-Based Servers
1340G—01/26/10
PCIe Gen2 and QPI Clock for Intel-Based Servers
1
DATASHEET
Pin Configuration
Recommended Application:
PCIe Gen 2 & QPI compliant CK410B+ clock for Intel-based
servers
Output Features:
4 - 0.7V current-mode differential CPU pairs
5 - 0.7V current-mode differential SRC pair
4 - PCI (33MHz)
3 - PCICLK_F, (33MHz) free-running
1 - 48MHz
2 - REF, 14.318MHz
Features/Benefits:
Supports spread spectrum modulation, 0 to -0.5%
down spread
Uses external 14.318MHz crystal and external load
capacitors for low ppm synthesis error
CPU clocks independent of SRC/PCI clocks
D2/D3 SMBus address
Key Specifications:
PCIe Gen 2 compliant SRC outputs
QPI & FBD 2 compliant CPU clocks
CPU cycle-cycle jitter: < 50ps
SRC cycle-cycle jitter: < 125ps
PCI cycle-cycle jitter: < 500ps
CPU output skew: < 50ps
SRC output skew: < 250ps
± 100ppm frequency accuracy on all outputs
Functionality
FS_C
1
FS_B
1
FS_A
2
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
0
0
0
266.67
0
0
1
133.33
0
1
0
200.00
0
1
1
166.67
1
0
0
333.33
1
0
1
100.00
1
1
0
400.00
11
1
1. FS_B and FS_C are three-level inputs. Please see V
IL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS_A is a low-threshold input. Please see the V
IL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
Reserved
100.00
33.33
14.32
48.00
56-pin SSOP & TSSOP
VDDPCI 1
56 FS_C/TEST_SEL
GNDPCI 2
55 REF0
PCICLK0 3
54 REF1
PCICLK1 4
53 VDDREF
PCICLK2 5
52 X1
PCICLK3 6
51 X2
GNDPCI 7
50 GNDREF
VDDPCI 8
49 FS_B/TEST_MODE
PCICLK_F0 9
48 FS_A
PCICLK_F1 10
47 VDDCPU
PCICLK_F2 11
46 CPUCLKT0
VDD48 12
45 CPUCLKC0
48MHz 13
44 VDDCPU
GND48 14
43 CPUCLKT1
VDDSRC 15
42 CPUCLKC1
SRCCLKT0 16
41 GNDCPU
SRCCLKC0 17
40 CPUCLKT2
SRCCLKC1 18
39 CPUCLKC2
SRCCLKT1 19
38 VDDCPU
GNDSRC 20
37 CPUCLKT3
SRCCLKT2 21
36 CPUCLKC3
SRCCLKC2 22
35 VDDA
SRCCLKC3 23
34 GNDA
SRCCLKT3 24
33 IREF
VDDSRC 25
32 NC
SRCCLKT4 26
31 Vtt_PwrGd#/PD
SRCCLKC4 27
30 SDATA
VDDSRC 28
29 SCLK


Số phần tương tự - 932S421BFLF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
932S421BFLF RENESAS-932S421BFLF Datasheet
364Kb / 24P
   PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
932S421BFLFT RENESAS-932S421BFLFT Datasheet
364Kb / 24P
   PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
More results

Mô tả tương tự - 932S421BFLF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ICS932S421B RENESAS-ICS932S421B Datasheet
364Kb / 24P
   PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
932SQ425 RENESAS-932SQ425 Datasheet
440Kb / 23P
   PCIE GEN2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV B 042312
ICS932S431A RENESAS-ICS932S431A Datasheet
443Kb / 23P
   PCIe Gen 2 and QPI Clock for Intel-based Servers
2019
logo
Integrated Device Techn...
ICS932SQ420DGLF IDT-ICS932SQ420DGLF Datasheet
412Kb / 27P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
932SQ420DGLFT IDT-932SQ420DGLFT Datasheet
412Kb / 27P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
logo
Renesas Technology Corp
932SQ420D RENESAS-932SQ420D Datasheet
616Kb / 29P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
932SQ428 RENESAS-932SQ428 Datasheet
560Kb / 23P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV E 042312
logo
Integrated Circuit Syst...
ICS932S422C ICST-ICS932S422C Datasheet
193Kb / 21P
   PCIe Gen 2 main Clock for Intel-based Servers
logo
Renesas Technology Corp
ICS932S422C RENESAS-ICS932S422C Datasheet
386Kb / 22P
   PCIe Gen 2 main Clock for Intel-based Servers
2019
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
   19 Output Differential Buffer for PCIe Gen2 and QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com