công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

932S208YFLNT bảng dữ liệu(PDF) 8 Page - Integrated Device Technology

tên linh kiện 932S208YFLNT
Giải thích chi tiết về linh kiện  Programmable Timing Control HubTM for Next Gen P4TM Processor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

932S208YFLNT bảng dữ liệu(HTML) 8 Page - Integrated Device Technology

Back Button 932S208YFLNT Datasheet HTML 4Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 5Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 6Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 7Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 8Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 9Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 10Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 11Page - Integrated Device Technology 932S208YFLNT Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IDTTM Programmable Timing Control HubTM for Next Gen P4TM Processor
0743G—01/26/10
ICS932S208
Programmable Timing Control HubTM for Next Gen P4TM Processor
8
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max
values
-200
200
ppm
1,2
Clock period
Tperiod
66.66MHz output nominal 20.8257
20.8340
ns
2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
IOL = 1 mA
0.55
V
V OH @ MIN = 1.0 V
-33
mA
VOH @ MAX = 3.135 V
-33
mA
VOL @ MIN = 1.95 V
30
mA
VOL @ MAX = 0.4 V
38
mA
Edge Rate
Rising edge rate
2
4
V/ns
1
Edge Rate
Falling edge rate
2
4
V/ns
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
1
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
1
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Long Term Jitter
125us period jitter
(8kHz frequency
modulation amplitude)
2ns
1
1Guaranteed by design, not 100% tested in production.
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 5-10 pF (unless otherwise specified)
Electrical Characteristics - 48MHz DOT Clock
2 All Long Term Accuracy and Clock Period specifications are guaranteed with the assumption that Ref
output is at 14.31818MHz
Output High Current
IOH
Output Low Current
IOL


Số phần tương tự - 932S208YFLNT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
932S208DFLF RENESAS-932S208DFLF Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
932S208DFLFT RENESAS-932S208DFLFT Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
932S208DGLF RENESAS-932S208DGLF Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
932S208DGLFT RENESAS-932S208DGLFT Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
932S208DGLN RENESAS-932S208DGLN Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
More results

Mô tả tương tự - 932S208YFLNT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
logo
Integrated Device Techn...
ICS952601 IDT-ICS952601 Datasheet
232Kb / 25P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
logo
Renesas Technology Corp
ICS952601 RENESAS-ICS952601 Datasheet
371Kb / 26P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
2019
logo
Integrated Circuit Syst...
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
   Programmable Timing Control HubTM for P4TM
logo
Renesas Technology Corp
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
   Programmable Timing Control HubTM for P4TM
01/25/10
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
954226 RENESAS-954226 Datasheet
207Kb / 22P
   Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
logo
Integrated Device Techn...
954226 IDT-954226 Datasheet
207Kb / 22P
   Programmable Timing Control HubTM for Mobile P4TM Systems
logo
Integrated Circuit Syst...
ICS954204 ICST-ICS954204 Datasheet
199Kb / 16P
   Programmable Timing Control HubTM for Mobile P4TM Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com