công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC79M05BDT-1 bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC79M05BDT-1
Giải thích chi tiết về linh kiện  THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC79M05BDT-1 bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC79M05BDT-1 Datasheet HTML 1Page - Motorola, Inc MC79M05BDT-1 Datasheet HTML 2Page - Motorola, Inc MC79M05BDT-1 Datasheet HTML 3Page - Motorola, Inc MC79M05BDT-1 Datasheet HTML 4Page - Motorola, Inc MC79M05BDT-1 Datasheet HTML 5Page - Motorola, Inc MC79M05BDT-1 Datasheet HTML 6Page - Motorola, Inc MC79M05BDT-1 Datasheet HTML 7Page - Motorola, Inc MC79M05BDT-1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC79M00
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage
VI
–35
Vdc
Power Dissipation
Case 221A
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
θJA
65
°C/W
Thermal Resistance, Junction–to–Case
θJC
5.0
°C/W
Case 369 and 369A (DPAK)
TA = 25°C
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
θJA
92
°C/W
Thermal Resistance, Junction–to–Case
θJC
6.0
°C/W
Storage Junction Temperature
Tstg
–65 to +150
°C
Junction Temperature
TJ
150
°C
NOTE: ESD data available upon request.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction–to–Ambient
R
θJA
65
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
5.0
°C/W
MC79M05B, C
ELECTRICAL CHARACTERISTICS (VI = –10 V, IO = 350 mA, Tlow to Thigh [Note 2], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
–4.8
–5.0
–5.2
Vdc
Line Regulation, TJ = 25°C (Note 1)
–7.0 Vdc
≥ VI ≥ –25 Vdc
–8.0 Vdc
≥ VI ≥ –18 Vdc
Regline
7.0
2.0
50
30
mV
Load Regulation, TJ = 25°C (Note 1)
5.0 mA
≤ IO ≤ 500 mA
Regload
30
100
mV
Output Voltage
–7.0 Vdc
≥ VI ≥ –25 Vdc, 5.0 mA ≤ IO ≤ 350 mA
VO
–4.75
–5.25
Vdc
Input Bias Current (TJ = 25°C)
IIB
4.3
8.0
mA
Input Bias Current Change
–8.0 Vdc
≥ VI ≥ –25 Vdc, IO = 350 mA
5.0 mA
≤ IO ≤ 350 mA, VI = –10 V
∆IIB
0.4
0.4
mA
Output Noise Voltage, TA = 25°C, 10 Hz ≤ f ≤ 100 kHz
Vn
40
µV
Ripple Rejection (f = 120 Hz)
RR
54
66
dB
Dropout Voltage
IO = 500 mA, TJ = 25°C
VI–VO
1.1
Vdc
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA, 0°C ≤ TJ ≤ 125°C
∆VO/∆T
0.2
mV/
°C
NOTES: 1. Load and line regulation are specified at constant temperature. Change in VO due to heating effects must be taken into account separately. Pulse
testing with low duty cycle is used.
2. B = Tlow to Thigh, –40°C < TJ < 125°C
C = Tlow to Thigh, 0°C < TJ < 125°C


Số phần tương tự - MC79M05BDT-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC79M05BDT ONSEMI-MC79M05BDT Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79M05BDT ONSEMI-MC79M05BDT Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M05BDTG ONSEMI-MC79M05BDTG Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79M05BDTG ONSEMI-MC79M05BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M05BDTRK ONSEMI-MC79M05BDTRK Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results

Mô tả tương tự - MC79M05BDT-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micropac Industries
42051 MICROPAC-42051 Datasheet
254Kb / 3P
   5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC79L00 MOTOROLA-MC79L00 Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com