công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74FCT807BTPYPBLANK bảng dữ liệu(PDF) 3 Page - Integrated Device Technology

tên linh kiện 74FCT807BTPYPBLANK
Giải thích chi tiết về linh kiện  FAST CMOS 1-TO-10 CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT807BTPYPBLANK bảng dữ liệu(HTML) 3 Page - Integrated Device Technology

  74FCT807BTPYPBLANK Datasheet HTML 1Page - Integrated Device Technology 74FCT807BTPYPBLANK Datasheet HTML 2Page - Integrated Device Technology 74FCT807BTPYPBLANK Datasheet HTML 3Page - Integrated Device Technology 74FCT807BTPYPBLANK Datasheet HTML 4Page - Integrated Device Technology 74FCT807BTPYPBLANK Datasheet HTML 5Page - Integrated Device Technology 74FCT807BTPYPBLANK Datasheet HTML 6Page - Integrated Device Technology 74FCT807BTPYPBLANK Datasheet HTML 7Page - Integrated Device Technology 74FCT807BTPYPBLANK Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
IDT74FCT807BT/CT
FAST CMOS 1-TO-10 CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
5. Values for these conditions are examples of the IC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fONO)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fO = Output Frequency
NO = Number of Outputs at fO
All currents are in milliamps and all frequencies are in megahertz.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
VCC = Max.
0.5
2
mA
TTL Inputs HIGH
VIN = 3.4V
ICCD
Dynamic Power Supply Current(3)
VCC = Max.
VIN = VCC
0.4
0.6
mA/MHz
InputToggling
VIN = GND
50% Duty Cycle
OutputsOpen
IC
TotalPowerSupplyCurrent(5)
VCC = Max.
VIN = VCC
20
30.5(4)
mA
InputToggling
VIN = GND
50% Duty Cycle
OutputsOpen
VIN = 3.4V
20.3
31.3(4)
fI = 50MHz
VIN = GND


Số phần tương tự - 74FCT807BTPYPBLANK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
74FCT807BTPYG RENESAS-74FCT807BTPYG Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
74FCT807BTPYGI RENESAS-74FCT807BTPYGI Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
More results

Mô tả tương tự - 74FCT807BTPYPBLANK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
IDT74FCT807BT RENESAS-IDT74FCT807BT Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
logo
Integrated Device Techn...
IDT74FCT807BT IDT-IDT74FCT807BT_05 Datasheet
85Kb / 8P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT807BT IDT-IDT74FCT807BT Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com