công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC88915TFN55 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC88915TFN55
Giải thích chi tiết về linh kiện  LOW SKEW CMOS PLL CLOCK DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC88915TFN55 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC88915TFN55 Datasheet HTML 1Page - Motorola, Inc MC88915TFN55 Datasheet HTML 2Page - Motorola, Inc MC88915TFN55 Datasheet HTML 3Page - Motorola, Inc MC88915TFN55 Datasheet HTML 4Page - Motorola, Inc MC88915TFN55 Datasheet HTML 5Page - Motorola, Inc MC88915TFN55 Datasheet HTML 6Page - Motorola, Inc MC88915TFN55 Datasheet HTML 7Page - Motorola, Inc MC88915TFN55 Datasheet HTML 8Page - Motorola, Inc MC88915TFN55 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 4
© Motorola, Inc. 1997
1/97
Low Skew CMOS PLL
Clock Drivers, 3-State
55, 70, 100, 133 and 160MHz Versions
The MC88915T Clock Driver utilizes phase–locked loop technology to
lock its low skew outputs’ frequency and phase onto an input reference
clock. It is designed to provide clock distribution for high performance
PC’s and workstations. For a 3.3V version, see the MC88LV915T data
sheet.
The PLL allows the high current, low skew outputs to lock onto a single
clock input and distribute it with essentially zero delay to multiple
components on a board. The PLL also allows the MC88915T to multiply a
low frequency input clock and distribute it locally at a higher (2X) system
frequency. Multiple 88915’s can lock onto a single reference clock, which
is ideal for applications when a central system clock must be distributed
synchronously to multiple boards (see Figure 7).
Five “Q” outputs (Q0–Q4) are provided with less than 500 ps skew between their rising edges. The Q5 output is inverted (180
°
phase shift) from the “Q” outputs. The 2X_Q output runs at twice the “Q” output frequency, while the Q/2 runs at 1/2 the “Q”
frequency.
The VCO is designed to run optimally between 20 MHz and the 2X_Q Fmax specification. The wiring diagrams in Figure 5 detail
the different feedback configurations which create specific input/output frequency relationships. Possible frequency ratios of the
“Q” outputs to the SYNC input are 2:1, 1:1, and 1:2.
The FREQ_SEL pin provides one bit programmable divide–by in the feedback path of the PLL. It selects between divide–by–1
and divide–by–2 of the VCO before its signal reaches the internal clock distribution section of the chip (see the block diagram on
page 2). In most applications FREQ_SEL should be held high (
÷1). If a low frequency reference clock input is used, holding
FREQ_SEL low (
÷2) will allow the VCO to run in its optimal range (>20MHz and >40MHz for the TFN133 version).
In normal phase–locked operation the PLL_EN pin is held high. Pulling the PLL_EN pin low disables the VCO and puts the 88915
in a static “test mode”. In this mode there is no frequency limitation on the input clock, which is necessary for a low frequency board
test environment. The second SYNC input can be used as a test clock input to further simplify board–level testing (see detailed
description on page 11).
Pulling the OE/RST pin low puts the clock outputs 2X_Q, Q0–Q4, Q5 and Q/2 into a high impedance state (3–state). After the
OE/RST pin goes back high Q0–Q4, Q5 and Q/2 will be reset in the low state, with 2X_Q being the inverse of the selected SYNC
input. Assuming PLL_EN is low, the outputs will remain reset until the 88915 sees a SYNC input pulse.
A lock indicator output (LOCK) will go high when the loop is in steady–state phase and frequency lock. The LOCK output will go
low if phase–lock is lost or when the PLL_EN pin is low. The LOCK output will go high no later than 10ms after the 88915 sees a
SYNC signal and full 5V VCC.
Features
Five Outputs (Q0–Q4) with Output–Output Skew < 500 ps each being phase and frequency locked to the SYNC input
The phase variation from part–to–part between the SYNC and FEEDBACK inputs is less than 550 ps (derived from the tPD
specification, which defines the part–to–part skew)
Input/Output phase–locked frequency ratios of 1:2, 1:1, and 2:1 are available
Input frequency range from 5MHz – 2X_Q FMAX spec. (10MHz – 2X_Q FMAX for the TFN133 version)
Additional outputs available at 2X and +2 the system “Q” frequency. Also a Q (180° phase shift) output available
All outputs have ±36 mA drive (equal high and low) at CMOS levels, and can drive either CMOS or TTL inputs. All inputs
are TTL–level compatible.
±88mA IOL/IOH specifications guarantee 50Ω transmission line switching on the incident edge
Test Mode pin (PLL_EN) provided for low frequency testing. Two selectable CLOCK inputs for test or redundancy purposes.
All outputs can go into high impedance (3–state) for board test purposes
Lock Indicator (LOCK) accuracy indicates a phase–locked state
Yield Surface Modeling and YSM are trademarks of Motorola, Inc.
MC88915TFN55
MC88915TFN70
MC88915TFN100
MC88915TFN133
MC88915TFN160
LOW SKEW CMOS
PLL CLOCK DRIVER


Số phần tương tự - MC88915TFN55

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915FN55 MOTOROLA-MC88915FN55 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915FN55PLCC MOTOROLA-MC88915FN55PLCC Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915FN70PLCC MOTOROLA-MC88915FN70PLCC Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
More results

Mô tả tương tự - MC88915TFN55

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
   LOW SKEW CMOS PLL 68060 CLOCK DRIVER
logo
Integrated Device Techn...
MC88LV926 IDT-MC88LV926 Datasheet
283Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
MC88LV926EGR2 IDT-MC88LV926EGR2 Datasheet
291Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88916 MOTOROLA-MC88916 Datasheet
114Kb / 9P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH PROCESSOR RESET
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com