công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM79L05 bảng dữ liệu(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

tên linh kiện LM79L05
Giải thích chi tiết về linh kiện  Three-terminal negative voltage regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Trang chủ  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

LM79L05 bảng dữ liệu(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  LM79L05 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. LM79L05 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
C0
0.1μF
LM79L05
Three-terminal negative voltage regulator
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Units
Input Voltage
Vi
-30
V
Operating Junction Temperature Range
TOPR
0~+125
Storage Temperature Range
TSTG
-55~+150
ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JINCTION TEMPERATURE(VI=-10V,Io=40mA,Ci=0.33μF,Co=0.1μF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
25
-4.8
-5.0
-5.2
V
-7V≤V l≤-20V, Io=1mA~40mA
-4.75
-5.0
-5.25
V
Output voltage
Vo
Io=1mA~70mA
0-125
-4.75
-5.0
-5.25
V
Io=1mA~100mA
25
20
60
mV
Load Regulation
ΔVo
Io=1mA~40mA
25
10
30
mV
-7V≤V l≤-20V
25
15
150
mV
Line regulation
ΔVo
-8V≤V l≤-20V
25
12
100
mV
Quiescent Current
Iq
25
6
mA
ΔIq
-8V≤V l≤-20V
0-125
1.5
mA
Quiescent Current Change
ΔIq
1mA≤V l≤40mA
0-125
0.1
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz
25
40
uV
Ripple Rejection
RR
-8V≤V l≤-18V,f=120Hz
0-125
41
49
dB
Dropout Voltage
Vd
25
1.7
V
TYPICAL APPLICATION
Vi
3
2
Vo
UTC
Ci
0.33μF
Note : Bypass capacitors are recommended for optimum stability and transient response and should be located as close as
Possible to the regulators.
2. OUT 3. IN
1. GND
1
3
2
SOT-89
SOT-23-3L
Maximum output current IO: 0.1 A
Output voltage VO: -5 V
Continuous total dissipation
PD : SOT-23-3L 0.35 W (Ta= 25
℃ )
SOT-89 0.5 W (Ta= 25
℃ )
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu
LM79L05


Số phần tương tự - LM79L05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Boca Semiconductor Corp...
LM79L05 BOCA-LM79L05 Datasheet
246Kb / 6P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
First Components Intern...
LM79L05 FCI-LM79L05 Datasheet
395Kb / 6P
   LM79L00 Series 3-Terminal Negative Output voltage Regulators
logo
List of Unclassifed Man...
LM79L05 ETC1-LM79L05 Datasheet
49Kb / 4P
   100mA Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79L05 HTC-LM79L05 Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM79L05 KEXIN-LM79L05 Datasheet
63Kb / 1P
   Three-terminal negative voltage regulator
More results

Mô tả tương tự - LM79L05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
794Kb / 3P
   Three-terminal negative voltage regulator
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
788Kb / 3P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
   Three-terminal Negative Voltage Regulator
logo
Jiangsu Changjiang Elec...
CJ79L09 JIANGSU-CJ79L09 Datasheet
3Mb / 4P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
KA090Q05 KEXIN-KA090Q05 Datasheet
175Kb / 1P
   Three-Terminal Negative Voltage Regulator
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com