công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5V925BQI8 bảng dữ liệu(PDF) 5 Page - Integrated Device Technology

tên linh kiện 5V925BQI8
Giải thích chi tiết về linh kiện  Programmable LVCMOS/LVTTL Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V925BQI8 bảng dữ liệu(HTML) 5 Page - Integrated Device Technology

  5V925BQI8 Datasheet HTML 1Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 2Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 3Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 4Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 5Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 6Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 7Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 8Page - Integrated Device Technology 5V925BQI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IDT5V925BQGI REVISION B JANUARY 21, 2011
5
©2011 Integrated Device Technology, Inc.
IDT5V925BI Data Sheet
PROGRAMMABLE LVCMOS/LVTTL CLOCK GENERATOR
Table 4B. LVCMOS/LVTTL DC Characteristics
, VDD = 3.3V ± 0.3V, TA = -40°C to 85°C
NOTE: Conditions apply unless otherwise specified.
NOTE 1: These inputs are normally wired to VDD, GND, or unconnected. If the inputs are switched in real time, the function and timing of the
outputs may glitch, and the PLL may require an additional lock time before all the datasheet limits are achieved.
Table 5. Crystal Characteristics
NOTE: Characterized using an 18pF parallel resonant crystal.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2
V
VIHH
Input High Voltage
S[1:0]
3-Level Input Only
VDD - 0.6
V
VIMM
Input Mid Voltage
S[1:0]
3-Level Input Only
VDD/2 - 0.3
VDD/2 + 0.3
V
VILL
(1)
Input Low Voltage
S[1:0]
3-Level Input Only
0.6
V
IIN
(1)
Input Leakage Current
CLKIN, FB
VIN = VDD or GND, VDD = Max.
-5
+5
µA
I3
(1)
3-Level Input
DC Current
S[1:0]
VIN = VDD, HIGH Level
200
µA
VIN = VDD/2, MID Level
-50
+50
µA
VIN = GND, LOW Level
-200
µA
IIH
Input High Current
VIN = VDD
-5
0.07
±5
µA
VOL
Output Low Voltage
IOL = 12mA
0.15
0.55
V
VOH
Output High Voltage
IOH = -12mA
2.4
2.8
V
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
10
30
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitance
7pF


Số phần tương tự - 5V925BQI8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
5V9885TNLGI IDT-5V9885TNLGI Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TNLGI8 IDT-5V9885TNLGI8 Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TPFGI IDT-5V9885TPFGI Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TPFGI8 IDT-5V9885TPFGI8 Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results

Mô tả tương tự - 5V925BQI8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
IDT5V925BI RENESAS-IDT5V925BI Datasheet
414Kb / 19P
   Programmable LVCMOS/LVTTL Clock Generator
March 10, 2016
ICS87949I-01 RENESAS-ICS87949I-01 Datasheet
244Kb / 15P
   LVCMOS / LVTTL CLOCK GENERATOR
MAY 1, 2013
logo
Integrated Device Techn...
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
   FemtoClock LVCMOS/LVTTL Clock Generator
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
   FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
   LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Integrated Device Techn...
87021I IDT-87021I Datasheet
233Kb / 14P
   Differential-to-LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
   FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
logo
Integrated Device Techn...
87016 IDT-87016 Datasheet
271Kb / 17P
   Low Skew LVCMOS/LVTTL Clock Generator
logo
Integrated Circuit Syst...
ICS840021 ICST-ICS840021 Datasheet
202Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/ LVTTL CLOCK GENERATOR
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com