công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS5A bảng dữ liệu(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

tên linh kiện GS5A
Giải thích chi tiết về linh kiện  General Purpose Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YANGJIE [Yangzhou yangjie electronic co., ltd]
Trang chủ  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GS5A bảng dữ liệu(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  GS5A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GS5A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
Document Number 0114
Rev. 1.0, 22-Sep-11
www.21yangjie.com
GS5A THRU GS5M
硅整流二极管 General Purpose Rectifier
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
● Io
5.0A
● VRRM
50V-1000V
● 耐正向浪涌电流能力高
High surge current capability
● 封装:模压塑料
Cases: Molded plastic
■用途
Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
GS5
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Conditions
A
B
D
G
J
K
M
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400 600 800
1000
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波
60Hz,电阻负载,TL=75℃
60HZ Half-sine wave, Resistance
load, TL=75℃
5
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波
60Hz,一个周期,Ta=25℃
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
200
结温
Junction Temperature
TJ
-55~+150
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
GS5
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
A
B
D
G
J
K
M
正向峰值电压
Peak Forward Voltage
V
F
V
I
F=5.0A
1.15
I
RRM1
Ta =25℃
10
反向漏电流
Peak Reverse Current
I
RRM2
μA
VRM=VRRM
Ta =125℃
250
RθJ-A
结和环境之间
Between junction and ambient
47
1)
热阻(典型)
Thermal
Resistance(Typical)
RθJ-L
/W
结和终端之间
Between junction and terminal
13
1)
备注:Notes:
1) 热阻从结到环境及从结到引线,在电路板的0.3" x 0.3" (8.0毫米 x 8.0毫米)铜垫片区
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.3" x 0.3" (8.0 mm x 8.0 mm) copper
pad areas
Dimensions in inches and (millimeters)
DO-214AB(SMC)
.280(7.11)
.260(6.60)
.245(6.22)
.220(5.59)
.129(3.27)
.112(2.85)
.103(2.61)
.078(1.99)
.060(1.52)
.030(0.76)
.008(0.20)
.004(0.10)
.012(0.31)
.006(0.15)
0.119(3.03)
0.390
(9.90)
Mounting Pad Layout
0.151
(3.84)
0.150
(3.82)
.320(8.13)
.305(7.75)


Số phần tương tự - GS5A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shanghai Shunye Electro...
GS5A SY-GS5A Datasheet
993Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
GS5A SHUNYE-GS5A Datasheet
992Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
SUNMATE electronic Co.,...
GS5A SUNMATE-GS5A Datasheet
314Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
logo
Zibo Seno Electronic En...
GS5A ZSELEC-GS5A Datasheet
89Kb / 2P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Yangzhou yangjie electr...
GS5A YANGJIE-GS5A Datasheet
201Kb / 2P
   General Purpose Rectifier
More results

Mô tả tương tự - GS5A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
logo
Comchip Technology
1N5400-G COMCHIP-1N5400-G Datasheet
50Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
   General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
   General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
   GENERAL PURPOSE RECTIFIER
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
   General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3A YANGJIE-GS3A Datasheet
148Kb / 2P
   General Purpose Rectifier
GS5A YANGJIE-GS5A_17 Datasheet
201Kb / 2P
   General Purpose Rectifier
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com