công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EDS10-46C bảng dữ liệu(PDF) 1 Page - Fuji Electric

tên linh kiện EDS10-46C
Giải thích chi tiết về linh kiện  MOVING COIL TYPE ALARMING INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJI [Fuji Electric]
Trang chủ  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS10-46C bảng dữ liệu(HTML) 1 Page - Fuji Electric

  EDS10-46C Datasheet HTML 1Page - Fuji Electric EDS10-46C Datasheet HTML 2Page - Fuji Electric EDS10-46C Datasheet HTML 3Page - Fuji Electric EDS10-46C Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
PAK
MOVING COIL TYPE ALARMING INDICATOR
The moving coil type alarming indicator is designed to
receive various input signals such as FC series signals. DC
voltage or current, and signals from themocouples or
resistance bulbs.
1. Direct connection of input signals.
2. High input impedance (1M
Ω for 1 to 5V DC input).
No circuit adjusting resistor is required for thermocouple
input.
3. Compact and lightweight.
Input signal:
FC series signal
A; 1 to 5V DC
B; 4 to 20mA DC
DC current
D; 0 to 100
µA ....... 200mA DC
DC voltage
E; 0 to 10mV ........ 5V DC
Thermocouple
F; 0 to 10mV DC or more
(with reference junction compen-
sator)
(Upper limit overshoot burnout cir-
cuit is available on request)
G; 10mV DC span or more
(with reference junction compen-
sator)
(Upper limit overshoot burnout cir-
cuit is available on request)
Resistance bulb
H; JPt100
50
°C span or more, 3-wire type
W; Pt100
50
°C span or more, 3-wire type
Ring tube (resistance span 14
Ω)
Slide resistant (resistance span 100
Ω)
J; 3-wire type
K; 2-wire type (with adjusting resistor)
Opening angle transmitter (resistance
span 100
Ω)
L; 3-wire type (zero point and span
adjustable)
Input signal
Input
resistance
Allowable input signal
source resistance
1 to 5V
Others
4 to 20mA
Others
2k
Ω or less
100
Ω or less
–––
–––
Voltage
Current
1M
40k
Ω to 1MΩ
5
1 to 100
100
Ω or less
50
Ω or less when burnout
circuit
40 to 600k
Thermocouple
Resistance
–––
6
Ω or less per wire
Allowance:
±1.0% of full scale
Scale length:
100mm
Response time:
Within 3 sec (time required for stabilizing
the indicator pointer within
± 1.5% after
applying input corresponding to 2/3 (ap-
prox.) of full scale)
Power supply:
100V
± 10% AC, 50/60Hz
*200V
± 10% AC, 50/60Hz, or
*24V
AC, 50/60Hz
Power consumption:
Approx. 4.5VA max.
Ambient temperature:
–10 to +50
°C
Ambient humidity:
30 to 90%RH
Enclosure:
Steel case
External dimensions (H
× W × D):
48
× 144 × 275mm
Mass{weight}:
Approx. 2kg
Finish color:
Munsell 7.5BG 3.2/0.8 or equivalent
Input resistance and allowable input signal source resistance:
+15%
–10%
SPECIFICATIONS
FEATURES
Date
EDS10-46c
Feb. 28, 1991


Số phần tương tự - EDS10-46C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fuji Electric
EDS10-45E FUJI-EDS10-45E Datasheet
73Kb / 2P
   MOVING COIL TYPE INDICATOR
More results

Mô tả tương tự - EDS10-46C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fuji Electric
EDS10-45E FUJI-EDS10-45E Datasheet
73Kb / 2P
   MOVING COIL TYPE INDICATOR
EDS10-11C FUJI-EDS10-11C Datasheet
77Kb / 4P
   FC SERIES MOVING COIL TYPE INDICATOR
EDS10-22D FUJI-EDS10-22D Datasheet
199Kb / 4P
   MEMBRANE TYPE PRESSURE INDICATOR
logo
Honeywell Accelerometer...
LLN8651721 HONEYWELL-ACC-LLN8651721 Datasheet
116Kb / 6P
   Solid state reliability - no moving parts
logo
List of Unclassifed Man...
KPEG242 ETC2-KPEG242 Datasheet
150Kb / 2P
   Piezo Indicator (internal Circuitry Type)
TDA7391LV ETC2-TDA7391LV Datasheet
2Mb / 2P
   power amplifiers moving to the green zone
logo
Panasonic Semiconductor
ELKEA100FA PANASONIC-ELKEA100FA Datasheet
178Kb / 6P
   Coil type EMI Filters
ELK-E103FA PANASONIC-ELK-E103FA Datasheet
141Kb / 6P
   Coil type EMI Filters
ELK-EA333FA PANASONIC-ELK-EA333FA Datasheet
141Kb / 6P
   Coil type EMI Filters
logo
List of Unclassifed Man...
63364 ETC-63364 Datasheet
100Kb / 1P
   Moving Blade Set for Pre-2017 Edition
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com