công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCX58 bảng dữ liệu(PDF) 4 Page - Siemens Semiconductor Group

tên linh kiện BCX58
Giải thích chi tiết về linh kiện  NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX58 bảng dữ liệu(HTML) 4 Page - Siemens Semiconductor Group

  BCX58 Datasheet HTML 1Page - Siemens Semiconductor Group BCX58 Datasheet HTML 2Page - Siemens Semiconductor Group BCX58 Datasheet HTML 3Page - Siemens Semiconductor Group BCX58 Datasheet HTML 4Page - Siemens Semiconductor Group BCX58 Datasheet HTML 5Page - Siemens Semiconductor Group BCX58 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Semiconductor Group
4
BCX 58
BCX 59
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
MHz
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
fT
200
AC characteristics
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
–3–
Input capacitance
VCB = 0.5 V, f = 1 MHz
Cibo
–8–
k
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCX 58 VII, BCX 59 VII
BCX 58 VIII, BCX 59 VIII
BCX 58 IX, BCX 59 IX
BCX 58 X,
BCX 59 X
h11e
2.7
3.6
4.5
7.5
10–4
Open-circuit reverse voltage transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCX 58 VII, BCX 59 VII
BCX 58 VIII, BCX 59 VIII
BCX 58 IX, BCX 59 IX
BCX 58 X,
BCX 59 X
h12e
1.5
2.0
2.0
3.0
Unit
Values
Parameter
Symbol
min.
typ.
max.
dB
Noise figure
IC = 0.2 mA, VCE = 5 V, RS = 2 k
f = 1 kHz,
f = 200 Hz
F
–2–
Short-circuit forward current transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCX 58 VII, BCX 59 VII
BCX 58 VIII, BCX 59 VIII
BCX 58 IX, BCX 59 IX
BCX 58 X,
BCX 59 X
h21e
200
260
330
520
µS
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCX 58 VII, BCX 59 VII
BCX 58 VIII, BCX 59 VIII
BCX 58 IX, BCX 59 IX
BCX 58 X,
BCX 59 X
h22e
18
24
30
50


Số phần tương tự - BCX58

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
BCX50 ETC1-BCX50 Datasheet
146Kb / 1P
   Medium Power Amplifiers and Switches
logo
Shenzhen Jin Yu Semicon...
BCX51 HTSEMI-BCX51 Datasheet
387Kb / 2P
   TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
BCX51 JIANGSU-BCX51 Datasheet
1Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BCX51 PHILIPS-BCX51 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Central Semiconductor C...
BCX51 CENTRAL-BCX51 Datasheet
290Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
More results

Mô tả tương tự - BCX58

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Siemens Semiconductor G...
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BSS79 SIEMENS-BSS79 Datasheet
157Kb / 5P
   NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA06 INFINEON-SMBTA06_07 Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
SMBTA42 INFINEON-SMBTA42_07 Datasheet
71Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-19
PZTA42 INFINEON-PZTA42_07 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-26
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com