công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCX68 bảng dữ liệu(PDF) 2 Page - Siemens Semiconductor Group

tên linh kiện BCX68
Giải thích chi tiết về linh kiện  NPN Silicon AF Transistors (For general AF applications High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX68 bảng dữ liệu(HTML) 2 Page - Siemens Semiconductor Group

  BCX68 Datasheet HTML 1Page - Siemens Semiconductor Group BCX68 Datasheet HTML 2Page - Siemens Semiconductor Group BCX68 Datasheet HTML 3Page - Siemens Semiconductor Group BCX68 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
BCX 68
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter breakdown voltage
IC = 30 mA
V(BR)CE0
20
Collector-base breakdown voltage
IC = 10
µA
V(BR)CB0
25
DC current gain1)
IC = 5 mA, VCE = 10 V
IC = 500 mA, VCE = 1 V
BCX 68
BCX 68-10
BCX 68-16
BCX 68-25
IC = 1 A, VCE = 1 V
hFE
50
85
85
100
160
60
100
160
250
375
160
250
375
MHz
Transition frequency
IC = 100 mA, VCE = 5 V, f = 20 MHz
fT
100
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
AC characteristics
Emitter-base breakdown voltage
IE = 1
µA
V(BR)EB0
5––
nA
µA
Collector cutoff current
VCB = 25 V
VCB = 25 V, TA = 150 ˚C
ICB0
100
100
µA
Emitter cutoff current
VEB = 5 V
IEB0
––10
V
Collector-emitter saturation voltage1)
IC = 1 A, IB = 100 mA
VCEsat
0.5
Base-emitter voltage1)
IC = 5 mA, VCE = 10 V
IC = 1 A, VCE = 1 V
VBE
0.6
1
1)
Pulse test: t
300 µs, D = 2 %.


Số phần tương tự - BCX68

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zetex Semiconductors
BCX68 ZETEX-BCX68 Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Infineon Technologies A...
BCX68 INFINEON-BCX68 Datasheet
45Kb / 4P
   NPN Silicon AF Transistors
Jun-29-2001
logo
Zetex Semiconductors
BCX68 ZETEX-BCX68 Datasheet
1Mb / 3P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
BCX68 KEXIN-BCX68 Datasheet
38Kb / 2P
   PNP General Purpose Transistors
logo
Infineon Technologies A...
BCX68-10 INFINEON-BCX68-10 Datasheet
45Kb / 4P
   NPN Silicon AF Transistors
Jun-29-2001
More results

Mô tả tương tự - BCX68

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Siemens Semiconductor G...
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
BCV29 SIEMENS-BCV29 Datasheet
141Kb / 4P
   NPN Silicon Darlington Transistors (For general AF applications High collector current)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BCV27 SIEMENS-BCV27 Datasheet
140Kb / 4P
   NPN Silicon Darlington Transistors (For general AF applications High collector current)
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
BCW65 SIEMENS-BCW65 Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
BCP29 SIEMENS-BCP29 Datasheet
153Kb / 5P
   NPN Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BCV28 SIEMENS-BCV28 Datasheet
142Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
BCV26 SIEMENS-BCV26 Datasheet
141Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com