công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74VCX162244DT bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC74VCX162244DT
Giải thích chi tiết về linh kiện  LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER WITH 26ohm SERIES RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74VCX162244DT bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC74VCX162244DT Datasheet HTML 1Page - Motorola, Inc MC74VCX162244DT Datasheet HTML 2Page - Motorola, Inc MC74VCX162244DT Datasheet HTML 3Page - Motorola, Inc MC74VCX162244DT Datasheet HTML 4Page - Motorola, Inc MC74VCX162244DT Datasheet HTML 5Page - Motorola, Inc MC74VCX162244DT Datasheet HTML 6Page - Motorola, Inc MC74VCX162244DT Datasheet HTML 7Page - Motorola, Inc MC74VCX162244DT Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1997
10/97
Advance Information
Low-Voltage 1.8/2.5/3.3V
16-Bit Buffer
With 26Ω Series Resistors
3.6V-Tolerant Inputs and Outputs
(3-State, Non-Inverting)
The MC74VCX162244 is an advanced performance, non–inverting
16–bit buffer. It is designed for very high–speed, very low–power
operation in 1.8V, 2.5V or 3.3V systems.
When operating at 2.5V (or 1.8V) the part is designed to tolerate
voltages it may encounter on either inputs or outputs when interfacing to
3.3V busses. It is guaranteed to be over–voltage tolerant to 3.6V.
The MC74VCX162244 is nibble controlled with each nibble functioning
identically, but independently. It is designed with 26
Ω series resistors in
each of the outputs to reduce noise. The control pins may be tied together
to obtain full 16–bit operation. The 3–state outputs are controlled by an
Output Enable (OEn) input for each nibble. When OEn is LOW, the
outputs are on. When OEn is HIGH, the outputs are in the high
impedance state.
Designed for Low Voltage Operation: VCC = 1.8–3.6V
3.6V Tolerant Inputs and Outputs
High Speed Operation: 3.3ns max for 3.0 to 3.6V
3.8ns max for 2.3 to 2.7V
5.7ns max for 1.8V
Static Drive:
±12mA Drive at 3.0V
±8mA Drive at 2.3V
±4mA Drive at 1.8V
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0V
Near Zero Static Supply Current in All Three Logic States (20µA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds ±300mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
This document contains information on a new product. Specifications and information herein are subject to
change without notice.
MC74VCX162244
LOW–VOLTAGE 1.8/2.5/3.3V
16–BIT BUFFER
WITH 26
Ω SERIES RESISTORS
DT SUFFIX
48–LEAD PLASTIC TSSOP PACKAGE
CASE 1201–01
VCX
PIN NAMES
Function
Output Enable Inputs
Inputs
Outputs
Pins
OEn
D0–D15
O0–O15


Số phần tương tự - MC74VCX162244DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74VCX16244 MOTOROLA-MC74VCX16244 Datasheet
134Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER
MC74VCX16244DT MOTOROLA-MC74VCX16244DT Datasheet
134Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
MC74VCX16245DT MOTOROLA-MC74VCX16245DT Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
More results

Mô tả tương tự - MC74VCX162244DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74VCX16244 MOTOROLA-MC74VCX16244 Datasheet
134Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER
logo
Fairchild Semiconductor
74LCX162244 FAIRCHILD-74LCX162244 Datasheet
217Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
logo
ON Semiconductor
74VCXH16245 ONSEMI-74VCXH16245 Datasheet
91Kb / 8P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver
May, 2004 ??Rev. 3
logo
Motorola, Inc
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
logo
ON Semiconductor
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16373 ONSEMI-74VCX16373 Datasheet
102Kb / 10P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
November, 2004 ??Rev. 5
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
logo
ON Semiconductor
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
logo
Pericom Semiconductor C...
PI74ALVTC16244 PERICOM-PI74ALVTC16244 Datasheet
236Kb / 8P
   1.8/2.5/3.3V 16-Bit Buffer/Driver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com