công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCX70K bảng dữ liệu(PDF) 1 Page - Siemens Semiconductor Group

tên linh kiện BCX70K
Giải thích chi tiết về linh kiện  NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX70K bảng dữ liệu(HTML) 1 Page - Siemens Semiconductor Group

  BCX70K Datasheet HTML 1Page - Siemens Semiconductor Group BCX70K Datasheet HTML 2Page - Siemens Semiconductor Group BCX70K Datasheet HTML 3Page - Siemens Semiconductor Group BCX70K Datasheet HTML 4Page - Siemens Semiconductor Group BCX70K Datasheet HTML 5Page - Siemens Semiconductor Group BCX70K Datasheet HTML 6Page - Siemens Semiconductor Group BCX70K Datasheet HTML 7Page - Siemens Semiconductor Group BCX70K Datasheet HTML 8Page - Siemens Semiconductor Group BCX70K Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
NPN Silicon AF Transistors
BCW 60
BCX 70
5.91
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BCW 60 A
BCW 60 B
BCW 60 C
BCW 60 D
BCW 60 FF
BCW 60 FN
BCX 70 G
BCX 70 H
BCX 70 J
BCX 70 K
Q62702-C1517
Q62702-C1497
Q62702-C1476
Q62702-C1477
Q62702-C1529
Q62702-C1567
Q62702-C1539
Q62702-C1481
Q62702-C1552
Q62702-C1571
AAs
ABs
ACs
ADs
AFs
ANs
AGs
AHs
AJs
AKs
SOT-23
B
E
C
1
2
3
1)
For detailed information see chapter Package Outlines.
q
For AF input stages and driver applications
q
High current gain
q
Low collector-emitter saturation voltage
q
Low noise between 30 Hz and 15 kHz
q
Complementary types: BCW 61, BCX 71 (PNP)


Số phần tương tự - BCX70K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BCX70K PHILIPS-BCX70K Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
logo
Central Semiconductor C...
BCX70K CENTRAL-BCX70K Datasheet
329Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR DESCRIPTION:
logo
SHIKUES Electronics
BCX70K SKTECHNOLGY-BCX70K Datasheet
541Kb / 2P
   NPN medium power transistor
logo
Samsung semiconductor
BCX70K SAMSUNG-BCX70K Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Allied Components Inter...
BCX70K ALLIED-BCX70K Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
More results

Mô tả tương tự - BCX70K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Siemens Semiconductor G...
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com