công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISLA214S35IR1Z bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện ISLA214S35IR1Z
Giải thích chi tiết về linh kiện  14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214S35IR1Z bảng dữ liệu(HTML) 9 Page - Intersil Corporation

Back Button ISLA214S35IR1Z Datasheet HTML 5Page - Intersil Corporation ISLA214S35IR1Z Datasheet HTML 6Page - Intersil Corporation ISLA214S35IR1Z Datasheet HTML 7Page - Intersil Corporation ISLA214S35IR1Z Datasheet HTML 8Page - Intersil Corporation ISLA214S35IR1Z Datasheet HTML 9Page - Intersil Corporation ISLA214S35IR1Z Datasheet HTML 10Page - Intersil Corporation ISLA214S35IR1Z Datasheet HTML 11Page - Intersil Corporation ISLA214S35IR1Z Datasheet HTML 12Page - Intersil Corporation ISLA214S35IR1Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
ISLA214S50
9
FN7973.1
December 21, 2011
Switching Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITION
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
ADC OUTPUT
Aperture Delay
tA
240
ps
RMS Aperture Jitter
jA
90
fs
Synchronous Clock Divider Reset Recovery Time (Note 12)
tRSTRT
DLL recovery
time after
Synchronous
Reset
250
µs
Latency (ADC Pipeline Delay)
L
20
cycles
Overvoltage Recovery
tOVR
2cycles
SERDES
PLL Lock Time
250
µs
PLL Bandwidth
2.2
MHz
Added Random Jitter
5ps
RMS
Added Deterministic Jitter
7ps P-P
Maximum Input Sample Clock Total Jitter to Maintain SERDES
BER <1E-12
Integrated from
1kHz to 10MHz
offset from
carrier
5ps rms
LVDS Inputs
SYNCP, SYNCN Setup Time (with Respect to the Positive Edge of
CLKP)
tRSTS
AVDD,
OVDD = 1.7V to
1.9V, TA = -40°C
to +85°C
400
75
ps
SYNCP, SYNCN Hold Time (with Respect to the Positive Edge of
CLKP)
tRSTH
AVDD,
OVDD = 1.7V to
1.9V, TA = -40°C
to +85°C
150
350
ps
CML Outputs
Output Rise Time
tR
165
ps
Output Fall Time
tF
145
ps
Data Output Duty Cycle
50
%
Differential Output Resistance
100
Differential Output Voltage (Note 13)
760
mVP-P
SPI INTERFACE (Notes 14, 15)
SCLK Period
t
CLK
Write Operation
14
cycles
tCLK
Read Operation
32
cycles
CSB
↓ to SCLK↑ Setup Time
tS
Read or Write
4
cycles
CSB
↑ after SCLK↑ Hold Time
tH
Read or Write
10
cycles


Số phần tương tự - ISLA214S35IR1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISLA214S35IR1Z RENESAS-ISLA214S35IR1Z Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results

Mô tả tương tự - ISLA214S35IR1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com