công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISLA214S50 bảng dữ liệu(PDF) 10 Page - Intersil Corporation

tên linh kiện ISLA214S50
Giải thích chi tiết về linh kiện  14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214S50 bảng dữ liệu(HTML) 10 Page - Intersil Corporation

Back Button ISLA214S50 Datasheet HTML 6Page - Intersil Corporation ISLA214S50 Datasheet HTML 7Page - Intersil Corporation ISLA214S50 Datasheet HTML 8Page - Intersil Corporation ISLA214S50 Datasheet HTML 9Page - Intersil Corporation ISLA214S50 Datasheet HTML 10Page - Intersil Corporation ISLA214S50 Datasheet HTML 11Page - Intersil Corporation ISLA214S50 Datasheet HTML 12Page - Intersil Corporation ISLA214S50 Datasheet HTML 13Page - Intersil Corporation ISLA214S50 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
ISLA214S50
10
FN7973.1
December 21, 2011
Data Valid to SCLK
↑ Setup Time
tDS
Read or Write
12
cycles
Data Valid after SCLK
↑ Hold Time
tDH
Read or Write
8
cycles
Data Valid after SCLK
↓ Time
tDVR
Read
8
cycles
NOTES:
11. The Tri-Level Inputs internal switching thresholds are approximately. 0.43V and 1.34V. It is advised to float the inputs, tie to ground or AVDD depending
on desired function.
12. The synchronous clock divider reset function is available as a (SPI-programmable) overload on the SYNC input.
13. The voltage is expressed in peak-to-peak differential swing. The peak-to-peak single-ended swing is 1/2 of the differential swing.
14. The SPI interface timing is directly proportional to the ADC sample period (tS). Values above reflect multiples of a 2ns sample period, and must be
scaled proportionally for lower sample rates. ADC sample clock must be running for SPI communication.
15. The SPI may operate asynchronously with respect to the ADC sample clock.
Switching Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITION
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
Typical Performance Curves
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C,
AIN =-2dBFS, fIN = 105MHz, fSAMPLE = 500MSPS.
FIGURE 3. SNR AND SFDR vs fIN
FIGURE 4. HD2 AND HD3 vs fIN
FIGURE 5. SNR AND SFDR vs AIN
FIGURE 6. HD2 AND HD3 vs AIN
50
55
60
65
70
75
80
85
90
95
0
100
200
300
400
500
600
700
INPUT FREQUENCY (MHz)
SFDR AT 500MSPS
SFDR AT 350MSPS
SNR AT 500MSPS
SNR AT 350MSPS
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
0
100
200
300
400
500
600
700
HD2 AT 500MSPS
HD2 AT 350MSPS
HD3 AT 500MSPS
HD3 AT 350MSPS
INPUT FREQUENCY (MHz)
0
20
40
60
80
100
-60
-50
-40
-30
-20
-10
0
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
-120
-100
-80
-60
-40
-20
0
-60
-50
-40
-30
-20
-10
0
INPUT AMPLITUDE (dBFS)
HD3 (dBFS)
HD2 (dBFS)
HD3 (dBc)
HD2 (dBc)


Số phần tương tự - ISLA214S50

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISLA214S50 INTERSIL-ISLA214S50 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA214S50IR1Z RENESAS-ISLA214S50IR1Z Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
ISLA214S50IR48EV1Z RENESAS-ISLA214S50IR48EV1Z Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results

Mô tả tương tự - ISLA214S50

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com