công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC338-40 bảng dữ liệu(PDF) 2 Page - Siemens Semiconductor Group

tên linh kiện BC338-40
Giải thích chi tiết về linh kiện  NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC338-40 bảng dữ liệu(HTML) 2 Page - Siemens Semiconductor Group

  BC338-40 Datasheet HTML 1Page - Siemens Semiconductor Group BC338-40 Datasheet HTML 2Page - Siemens Semiconductor Group BC338-40 Datasheet HTML 3Page - Siemens Semiconductor Group BC338-40 Datasheet HTML 4Page - Siemens Semiconductor Group BC338-40 Datasheet HTML 5Page - Siemens Semiconductor Group BC338-40 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Semiconductor Group
2
BC 337
BC 338
Maximum Ratings
Parameter
Symbol
BC 337
Unit
Collector-emitter voltage
VCE0
45
V
Collector-base voltage
VCB0
50
Emitter-base voltage
VEB0
Collector current
IC
mA
Base current
IB
mA
Total power dissipation, TC = 66 ˚C
Ptot
mW
Junction temperature
Tj
˚C
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Junction - ambient
Rth JA
200
K/W
Peak collector current
ICM
A
Junction - case1)
Rth JC
135
Peak base current
IBM
BC 338
25
30
5
800
100
625
150
1
200
Values
1)
Mounted on Al heat sink 15 mm
× 25 mm × 0.5 mm.


Số phần tương tự - BC338-40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
BC338-40 MOTOROLA-BC338-40 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
Diotec Semiconductor
BC338-40 DIOTEC-BC338-40 Datasheet
140Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Jiangsu Changjiang Elec...
BC338-40 JIANGSU-BC338-40 Datasheet
38Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BC338-40 MCC-BC338-40 Datasheet
125Kb / 3P
   NPN Plastic-Encapsulate Transistors
BC338-40 MCC-BC338-40 Datasheet
240Kb / 3P
   NPN Plastic-Encapsulate Transistors
More results

Mô tả tương tự - BC338-40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
BSS79 SIEMENS-BSS79 Datasheet
157Kb / 5P
   NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA14 INFINEON-SMBTA14_07 Datasheet
71Kb / 6P
   NPN Silicon Darlington Transistor High collector current Low collector-emitter saturation voltage
2007-04-19
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com