công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC328 bảng dữ liệu(PDF) 3 Page - Siemens Semiconductor Group

tên linh kiện BC328
Giải thích chi tiết về linh kiện  PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC328 bảng dữ liệu(HTML) 3 Page - Siemens Semiconductor Group

  BC328 Datasheet HTML 1Page - Siemens Semiconductor Group BC328 Datasheet HTML 2Page - Siemens Semiconductor Group BC328 Datasheet HTML 3Page - Siemens Semiconductor Group BC328 Datasheet HTML 4Page - Siemens Semiconductor Group BC328 Datasheet HTML 5Page - Siemens Semiconductor Group BC328 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Semiconductor Group
3
BC 327
BC 328
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC current gain1)
IC = 100 mA; VCE = 1 V
BC 327/16; BC 328/16
BC 327/25; BC 328/25
BC 327/40; BC 328/40
IC = 300 mA; VCE = 1 V
BC 327/16; BC 328/16
BC 327/25; BC 328/25
BC 327/40; BC 328/40
hFE
100
160
250
60
100
170
160
250
350
250
400
630
V
Collector-emitter breakdown voltage
IC = 10 mA
BC 327
BC 328
V(BR)CE0
45
25
nA
nA
µA
µA
Collector cutoff current
VCB = 25 V
BC 328
VCB = 45 V
BC 327
VCB = 25 V, TA = 150 ˚C
BC 328
VCB = 45 V, TA = 150 ˚C
BC 327
ICB0
100
100
10
10
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 100
µA
BC 327
BC 328
V(BR)CB0
50
30
Emitter-base breakdown voltage
IE = 10
µA
V(BR)EB0
5––
V
Collector-emitter saturation voltage1)
IC = 500 mA; IB = 50 mA
VCEsat
0.7
Base-emitter saturation voltage1)
IC = 500 mA; IB = 50 mA
VBEsat
––2
nA
Emitter cutoff current
VEB = 4 V
IEB0
100
1)
Pulse test: t
300 µs, D 2%.


Số phần tương tự - BC328

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
BC328 MOTOROLA-BC328 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
SeCoS Halbleitertechnol...
BC328 SECOS-BC328 Datasheet
110Kb / 3P
   PNP General PurposeTransistor
logo
SHENZHEN KOO CHIN ELECT...
BC328 KOOCHIN-BC328 Datasheet
229Kb / 3P
   TRANSISTOR (PNP)
logo
Semtech Corporation
BC328 SEMTECH-BC328 Datasheet
424Kb / 5P
   PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications?
logo
SEMTECH ELECTRONICS LTD...
BC328 SEMTECH_ELEC-BC328 Datasheet
154Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results

Mô tả tương tự - BC328

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Siemens Semiconductor G...
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
BSS80 SIEMENS-BSS80 Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com