công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST1000C18K1L bảng dữ liệu(PDF) 5 Page - Vishay Siliconix

tên linh kiện ST1000C18K1L
Giải thích chi tiết về linh kiện  Phase Control Thyristors (Hockey PUK Version), 1473 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1000C18K1L bảng dữ liệu(HTML) 5 Page - Vishay Siliconix

  ST1000C18K1L Datasheet HTML 1Page - Vishay Siliconix ST1000C18K1L Datasheet HTML 2Page - Vishay Siliconix ST1000C18K1L Datasheet HTML 3Page - Vishay Siliconix ST1000C18K1L Datasheet HTML 4Page - Vishay Siliconix ST1000C18K1L Datasheet HTML 5Page - Vishay Siliconix ST1000C18K1L Datasheet HTML 6Page - Vishay Siliconix ST1000C18K1L Datasheet HTML 7Page - Vishay Siliconix ST1000C18K1L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 93714
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 02-Feb-11
5
ST1000C..K Series
Phase Control Thyristors
(Hockey PUK Version), 1473 A
Vishay Semiconductors
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
Number Of Equal Amplitude Half Cycle Current Pulses (N)
6000
8000
10000
12000
14000
16000
18000
110
100
ST1000C..K Series
Initial T = 125˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
Pulse Train Duration (s)
6000
8000
10000
12000
14000
16000
18000
20000
22000
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
ST1000C..K Series
Initial T = 125˚C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
Instantaneous On-state Voltage (V)
100
1000
10000
0.5
1
1.5
2
2.5
3
3.5
4
T = 25˚C
J
ST1000C..K Series
T = 125˚C
J
Square Wave Pulse Duration (s)
0.001
0.01
0.1
0.001
0.01
0.1
1
10
100
Steady State Value
R
= 0.42 K/W
(Single Side Cooled)
R
= 0.21 K/W
(Double Side Cooled)
(DC Operation)
ST1000C..K Series
thJ-hs
thJ-hs


Số phần tương tự - ST1000C18K1L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
ST1000C12K0 IRF-ST1000C12K0 Datasheet
102Kb / 7P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST1000C12K0 VISHAY-ST1000C12K0 Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
logo
International Rectifier
ST1000C12K0L IRF-ST1000C12K0L Datasheet
102Kb / 7P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST1000C12K0L VISHAY-ST1000C12K0L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
logo
International Rectifier
ST1000C12K1 IRF-ST1000C12K1 Datasheet
102Kb / 7P
   PHASE CONTROL THYRISTORS
More results

Mô tả tương tự - ST1000C18K1L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
VS-ST1000CK VISHAY-VS-ST1000CK Datasheet
199Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 16-Dec-13
VS-ST1000C..K VISHAY-VS-ST1000C..K Datasheet
177Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
01-Jan-2022
ST1000C12K0L VISHAY-ST1000C12K0L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
VS-ST1000CK VISHAY-VS-ST1000CK_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com