công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM1808BZCE4 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
AM1808BZCE4 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
7 / 265 page AM1808 www.ti.com SPRS653B – FEBRUARY 2010 – REVISED APRIL 2011 Revision History (continued) See ADDITIONS/MODIFICATIONS/DELETIONS Section 5.9.1, EDMA Synchronization Events: Section 5.9 EDMA • Updated Table 5-12. Section 5.10.5, EMIFA Electrical Data/Timing: • Corrected 1.3V, 1.2V MIN value in Table 5-21. Section 5.22 External Memory Interface A • Updated EMA_A[12:0] to EMA_A[22:0] in Figure 5-12 through Figure 5-15. (EMIFA) • Removed unused parameters 29 and 30 from Figure 5-12. • Removed unused parameters 31 and 32 from Figure 5-13. Section 5.11.1, DDR2/mDDR Memory Controller Electrical Data/Timing • Corrected 1.3V and 1.2 V MAX values in Table 5-23. Section 5.11.3.8, Net Classes: Section 5.11 DDR2/mDDR Controller • Corrected Table 5-32 column heading. Section 5.11.3.11, DDR2/mDDR CK and ADDR_CTRL Routing: • Updated Table 5-35. • Added last four bullets to list of what SATA Controller supports. Section 5.14 Section 5.14.2, SATA Interface: Serial ATA Controller (SATA) • Updated values in Figure 5-28. • Updated SATA AC coupling capacitor value unit in Table 5-46. Section 5.17.2.1, Serial Peripheral Interface (SPI) Timing: • Added tih(SPC_SOMI)M to Table 5-68. Section 5.17.2 • Corrected MAX values and updated table note in Table 5-69. SPI Electrical Data/Timing • Updated table note in Table 5-76 • Corrected MAX values and changed table note in Table 5-77. Section 5.20 • Added Important Notice. Universal Serial Bus OTG Section 5.20.2, USB0 [USB2.0] Electrical Data/Timing: Controller (USB0) [USB2.0 OTG] • Added first paragraph. Section 5.22 Section 5.22.2, EMAC Electrical Data/Timing Ethernet Media Access • Added table note to Table 5-102. Controller (EMAC) Section 5.23 Section 5.23.2, Management Data Input/Output (MDIO) Electrical Data/Timing: Management Data Input/Output • Updated MDIO parameters 4 and 5 in Table 5-105. (MDIO) • Added 2nd paragraph. Section 5.24.1, LCD Interface Display Driver (LIDD Mode): • Removed table note for Table 5-108. Section 5.24 • Updated description for parameters 12 and 13 in Table 5-109. LCD Controller (LCDC) Section 5.24.2, LCD Raster Mode: • Updated Figure 5-61. • Extended time line in Figure 5-62. Section 5.29 Table 5-125, eHRPWM Module Control and Status Registers Grouped by Submodule: Enhanced High-Resolution Pulse-Width Modulator • Updated offset addresses for HRCNFG. (eHRPWM) Table 5-131, Timing Requirements for Timer Input: Section 5.30.1 Timer Electrical Data/Timing • Updated table note. Figure 5-83, Clock Source Section 5.31.1 Clock Source • Replaced Real Time Clock with RTC Power Source. Section 5.34 • Added Section 5.34.4, IEEE 1149.1 JTAG. Emulation Logic • Added Section 5.34.5, JTAG 1149.1 Boundary Scan Considerations. Section 6.1.2, Device Nomenclature: Section 6.1 Device Support • Updated Figure 6-1. Copyright © 2010–2011, Texas Instruments Incorporated Contents 7 Submit Documentation Feedback Product Folder Link(s): AM1808 |
Số phần tương tự - AM1808BZCE4 |
|
Mô tả tương tự - AM1808BZCE4 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |