công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LVQ574SD bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC74LVQ574SD
Giải thích chi tiết về linh kiện  LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVQ574SD bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC74LVQ574SD Datasheet HTML 1Page - Motorola, Inc MC74LVQ574SD Datasheet HTML 2Page - Motorola, Inc MC74LVQ574SD Datasheet HTML 3Page - Motorola, Inc MC74LVQ574SD Datasheet HTML 4Page - Motorola, Inc MC74LVQ574SD Datasheet HTML 5Page - Motorola, Inc MC74LVQ574SD Datasheet HTML 6Page - Motorola, Inc MC74LVQ574SD Datasheet HTML 7Page - Motorola, Inc MC74LVQ574SD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74LVQ574
ECLinPS and ECLinPS Lite
DL140 — Rev 3
3
MOTOROLA
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
–0.5 to +7.0
V
VI
DC Input Voltage
–0.5
≤ VI ≤ VCC + 0.5V
V
VO
DC Output Voltage
–0.5
≤ VO ≤ VCC + 0.5
Output in HIGH or LOW State
V
IIK
DC Input Diode Current
–20
VI = –0.5V
mA
+20
VI = VCC + 0.5V
mA
IOK
DC Output Diode Current
–20
VO = –0.5V
mA
+20
VI = VCC + 0.5V
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current
±400
mA
IGND
DC Ground Current
±400
mA
TSTG
Storage Temperature Range
–65 to +150
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is
not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
2.0
3.3
3.6
V
VI
Input Voltage
0
VCC
V
VO
Output Voltage
0
VCC
V
TA
Operating Free–Air Temperature
–40
+85
°C
∆V/∆t
Input Transition Rise or Fall Rate, VIN from 0.8V to 2.0V, VCC = 3.0V
0
125
mV/ns
DC ELECTRICAL CHARACTERISTICS
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 1)
2.7V
≤ VCC ≤ 3.6V,
VO = 0.1V or VCC – 0.1V
2.0
V
VIL
LOW Level Input Voltage (Note 1)
2.7V
≤ VCC ≤ 3.6V,
VO = 0.1V or VCC – 0.1V
0.8
V
VOH
HIGH Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOH = –50µA
VCC – 0.1
V
VCC = 2.7V; IOH = –12mA
2.2
VCC = 3.0V; IOH = –12mA
2.48
VOL
LOW Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOL = 50µA
0.1
V
2.7V
≤ VCC ≤ 3.6V; IOL= 12mA
0.4
II
Input Leakage Current
2.7V
≤ VCC ≤3.6V; VI= VCC, GND
±1.0
µA
IOZ
Maximum 3–State Leakage Current
VI(OE) = VIL, VIH; VI, VO= VCC, GND
±2.5
µA
IOLD
Minimum Dynamic Output Current (Note 2)
VCC = 3.6V; VOLD = 0.8V Max
36
mA
IOHD
VCC = 3.6V; VOHD = 2.0V Min
–25
mA
ICC
Quiescent Supply Current
2.7V
≤ VCC ≤3.6V; VI = VCC, GND
10
µA
1. These values of VI are used to test DC electrical characteristics only. Functional test should use VIH ≥ 2.4V, VIL ≤ 0.5V.
2. Incident wave switching on transmission lines with impedances as low as 75
Ω for commercial temperature range is guaranteed. Maximum test
duration is 2ms, one output loaded at a time.


Số phần tương tự - MC74LVQ574SD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74LVQ573 MOTOROLA-MC74LVQ573 Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ573DT MOTOROLA-MC74LVQ573DT Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ573DW MOTOROLA-MC74LVQ573DW Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ573M MOTOROLA-MC74LVQ573M Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LVQ573SD MOTOROLA-MC74LVQ573SD Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
More results

Mô tả tương tự - MC74LVQ574SD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Motorola, Inc
MC74LCX374 MOTOROLA-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX574 ONSEMI-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
MC74LCX374 ONSEMI-MC74LCX374_12 Datasheet
136Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Motorola, Inc
MC74LCX574 MOTOROLA-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374_14 Datasheet
96Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
September, 2014 ??Rev. 12
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com